Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK09916C Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK09916C
Description  3-axis Electronic Compass
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916C Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK09916C Datasheet HTML 5Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 6Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 7Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 8Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 9Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 10Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 11Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 12Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 9 -
9.3. Operation Modes
AK09916 has following seven operation modes:
(1) Power-down mode
(2) Single measurement mode
(3) Continuous measurement mode 1
(4) Continuous measurement mode 2
(5) Continuous measurement mode 3
(6) Continuous measurement mode 4
(7) Self-test mode
By setting CNTL2 register MODE[4:0] bits, the operation set for each mode is started.
A transition from one mode to another is shown below.
MODE[4:0] =
“00001”
MODE[4:0] =
“00000”
Transits automatically
MODE[4:0] =
“00010”
MODE[4:0] =
“00000”
MODE[4:0] =
“00100”
MODE[4:0] =
“00000”
MODE[4:0] =
“00110”
MODE[4:0] =
“00000”
MODE[4:0] =
“01000”
MODE[4:0] =
“00000”
MODE[4:0] =
“10000”
MODE[4:0] =
“00000”
Transits automatically
Power-down
mode
Continuous measurement mode 2
Sensor is measured periodically in 20Hz.
Transits to Power-down mode by writing
MODE[4:0]
=“00000”.
Self-test mode
Sensor is self-tested and the result is output.
Transits to Power-down mode automatically.
Single measurement mode
Sensor is measured for one time and data is output.
Transits to Power-down mode automatically after
measurement ended.
Continuous measurement mode 1
Sensor is measured periodically in 10Hz.
Transits to Power-down mode by writing
MODE[4:0] =
“00000”.
Continuous measurement mode 3
Sensor is measured periodically in 50Hz.
Transits to Power-down mode by writing
MODE[4:0] =
“00000”.
Continuous measurement mode 4
Sensor is measured periodically in 100Hz.
Transits to Power-down mode by writing
MODE[4:0] =
“00000”.
Figure 9.1. Operation mode
When power is turned ON, AK09916 is in Power-down mode. When a specified value is set to MODE[4:0]
bits, AK09916 transits to the specified mode and starts operation. When user wants to change operation
mode, transit to Power-down mode first and then transit to other modes. After Power-down mode is set, at
least 100
s (Twait) is needed before setting another mode


Similar Part No. - AK09916C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results

Similar Description - AK09916C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com