Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA61 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA61
Description  Cascadable Amplifier 2 to 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA61 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA61 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA61 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA61 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
2 to 6 GHz
Rev. V3
A61 / SMA61
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
GHz
1.8-6.2
2.0-6.0
2.0-6.0
Small Signal Gain (min)
dB
7.5
6.5
6.0
Gain Flatness (max)
dB
±0.4
±0.7
±0.9
Reverse Isolation
dB
14
Noise Figure (max)
dB
3.2
4.3
4.8
Power Output
@ 1 dB comp. (min)
dBm
12.5
11.0
10.5
IP3
dBm
+25
IP2
dBm
+37
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.5:1 / 1.5:1
2.0:1 / 2.0:1
2.1:1 / 2.1:1
DC Current @ 5 Volts (max)
mA
35
40
42
Features
 WIDE BANDWIDTH: 2-6 GHz
 MEDIUM OUTPUT LEVEL: +12.5 dBm (TYP.)
 LOW NOISE: 3.2 dB (TYP.)
Description
The A61 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A61
TO-8
SMA61
Surface Mount
CA61 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+6 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
132ºC/W
Transistor Power Dissipation Pd
0.171 W
Junction Temperature Rise
Above Case Tjc
23ºC
* Over temperature performance limits for part number CA61, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA61

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA61 MACOM-SMA61 Datasheet
111Kb / 1P
   2 TO 6 GHz CASCADABLE AMPLIFIER
SMA61 MACOM-SMA61 Datasheet
373Kb / 2P
   Cascadable Amplifier 2 to 6 GHz
SMA611 MACOM-SMA611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
SMA611 MA-COM-SMA611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
SMA611 MA-COM-SMA611 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
More results

Similar Description - SMA61

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A61 MACOM-A61_1 Datasheet
373Kb / 2P
   Cascadable Amplifier 2 to 6 GHz
A61 MACOM-A61 Datasheet
111Kb / 1P
   2 TO 6 GHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A61 MA-COM-A61 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 6 GHz
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
   2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Skyworks Solutions Inc.
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
logo
Teledyne Technologies I...
CMA-6-2004 TELEDYNE-CMA-6-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 6 GHz
CPA-6-2002 TELEDYNE-CPA-6-2002 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 6 GHz
CMA-6-2002 TELEDYNE-CMA-6-2002 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 6 GHz
CPA-6-2003 TELEDYNE-CPA-6-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com