Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA66-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA66-1
Description  Cascadable Amplifier 10 to 1000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA66-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA66-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA66-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA66-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMA66-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMA66-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V4
A66-1 / SMA66-1 / CA66-1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 27.5 dB High Gain, 2 Stages
 >3.0 Noise Figure
 15 dBm Output Power
 5 - 15 V Bias Range
Description
The A66-1 RF amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for
consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier
design displays impressive performance over a
broadband frequency range. An active DC biasing
network insures temperature-stable performance.
Both
TO-8
and
surface
mount
packages
are
hermetically
sealed,
and
MIL-STD-883
environmental screening is available.
Product Image
Ordering Information
Part Number
Package
A66-1
TO-8
SMA66-1
Surface Mount
CA66-11
SMA Connectorized
1. The connectorized version is not RoHS compliant.
Electrical Specifications2: Z0 = 50 Ω, VCC = 15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC2
Frequency
GHz
5 - 1200
10 - 1000
10 - 1000
Small Signal Gain (min.)
dB
27.5
26.0
25.5
Gain Flatness (max.)
dB
±0.4
±0.7
±1.0
Reverse Isolation
dB
33
Noise Figure (max.)
dB
2.9
3.5
4.0
Power Output
@ 1 dB comp. (min.)
dBm
15.0
14.5
14.0
IP3
dBm
28
IP2
dBm
38
Second Order Harmonic IP
dBm
43
VSWR Input / Output (max.)
Ratio
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max.)
mA
66
69
72
2. Over temperature performance limits for part number CA1212, guaranteed from 0oC to +50oC only.


Similar Part No. - SMA66-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA66-1 MACOM-SMA66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
SMA66-1 MACOM-SMA66-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
   Fully integrated GPS LNA IC
More results

Similar Description - SMA66-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A17 MACOM-A17_1 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com