Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC349LP4C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC349LP4C
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC349LP4C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC349LP4C Datasheet HTML 1Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 2Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 3Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 4Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 5Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
14 - 229
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC349LP4C
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 4.0 GHz
v00.0304
Notes:


Similar Part No. - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4CE HITTITE-HMC349LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com