Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH8012LPSQ-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH8012LPSQ-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH8012LPSQ-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH8012LPSQ-13 Datasheet HTML 1Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 2Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 3Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 4Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 5Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 6Page - Diodes Incorporated DMTH8012LPSQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH8012LPSQ
Document number: DS38376 Rev.1 - 2
5 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMTH8012LPSQ
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJC(t) = r(t) * RθJC
RθJC = 1.05℃/W
Duty Cycle, D = t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMTH8012LPSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH8012LPS DIODES-DMTH8012LPS Datasheet
539Kb / 7P
   80V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH8012LPS-13 DIODES-DMTH8012LPS-13 Datasheet
539Kb / 7P
   80V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH8012LPSW DIODES-DMTH8012LPSW Datasheet
525Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH8012LPSW-13 DIODES-DMTH8012LPSW-13 Datasheet
525Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH8012LPSQ-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com