Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC364 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC364
Description  GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC364 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC364 Datasheet HTML 1Page - Hittite Microwave Corporation HMC364 Datasheet HTML 2Page - Hittite Microwave Corporation HMC364 Datasheet HTML 3Page - Hittite Microwave Corporation HMC364 Datasheet HTML 4Page - Hittite Microwave Corporation HMC364 Datasheet HTML 5Page - Hittite Microwave Corporation HMC364 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
3 - 25
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
Assembly Diagram
GaAs HBT MMIC
DIVIDE-BY-2, DC - 13.0 GHz
HMC364
AC coupling capacitors.
To +5V VCC Supply
(Bypassed via 10 uF Capacitor).
AC coupling capacitors.
Optional AC coupled
differential input. Should
be AC grounded for single
ended operation.
Optional AC coupled
differential output. For best
single ended reverse leakage
performance, this port should
be terminated into 50 ohm.
This port should be grounded
for normal operation. Applying
+5V to this port will disable the
input buffer amplifier.
This port should be grounded
for normal operation. Applying
+5V to this port will power
down the device.
For high power output, this
port should be bonded to
ground. For low power output,
this port should be floating.
v02.1202
Handling Precautions
Follow these precautions to avoid permanent damage.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against > ± 250V ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize
inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the
chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting
surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature
of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO NOT expose the chip
to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for
attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire.
Thermosonic wirebonding with a nominal stage temperature of
150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum
level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or
substrate. All bonds should be as short as possible <0.31 mm (12 mils).


Similar Part No. - HMC364

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364 Datasheet
192Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364 HITTITE-HMC364 Datasheet
209Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
More results

Similar Description - HMC364

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC364 HITTITE-HMC364_09 Datasheet
192Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC361 HITTITE-HMC361_09 Datasheet
190Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
HMC364 HITTITE-HMC364_07 Datasheet
209Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com