Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6050PT-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MBR6050PT-G
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBR6050PT-G Datasheet(HTML) 1 Page - Comchip Technology

  MBR6050PT-G Datasheet HTML 1Page - Comchip Technology MBR6050PT-G Datasheet HTML 2Page - Comchip Technology MBR6050PT-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
REV: B
MBR6030PT-G Thru. MBR60100PT-G
Dimensions in inches and (millimeter)
QW-BB054
Reverse Voltage: 30 to 100V
Forward Current: 60.0A
RoHS Device
TO-3P
Comchip Technology CO., LTD.
Features
Mechanical Data
-Guard ring for overvoltage protection.
Notes: 1. Mounted on 14mm x 14mm pad ateas, 1oz. FR4 P.C.B.
3. Pulse Test: 300us pulse width, 1% duty cycle.
-Low power loss, high efficiency.
-Epoxy: UL 94V 0 rate flame retardant.
-
-Mounting position: Any
-Case: TO-3P Molded plastic.
Schottky Barrier Rectifier
-Low reverse leakage current.
-High Surge Current Capability.
-Polarity: As marked.
0.127(3.22)
0.117(2.97)
0.086(2.18)
0.076(1.93)
0.048(1.22)
0.044(1.12)
0.224(5.70)
0.205(5.20)
0.807(20.50)
0.776(19.70)
0.181(4.60)
0.138(3.50)
0.858(21.80)
0.803(20.40)
0.244(6.20)
0.224(5.70)
0.646(16.40)
0.610(15.50)
0.142(3.60)
0.126(3.20)
0.203(5.16)
0.193(4.90)
0.095(2.40)
0.083(2.10)
0.030(0.76)
0.020(0.51)
Parameter
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surage Current , 8.3ms Single
Half Sine-Wave Super Imposed On Rated
Load (JEDEC Method)
Operating Temperature Range
Storage Temperature Range
Maximum Ratings And Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRRM
VRMS
VDC
I(AV)
IFSM
IR
TJ
TSTG
60
500
20
-55 to +150
-55 to +150
V
V
V
A
A
mA
°C
Maximum Forward Voltage at 30.0A per leg
200
°C
Typical Thermal Resistance
°C/W
1.4
RθJC
0.75
50
35
50
60
42
60
80
56
80
@TA=25°C
@TA=100°C
Maximum Average Forward
MBR60
50PT-G
MBR60
60PT-G
MBR60
100PT-G
VF
V
Maximum DC Reverse
At Rated DC
Current
Blocking Voltage
IR
Company reserves the right to improve product design , functions and reliability without notice.
-Terminals: Pure tin plated, lead free solderable
MIL-STD-750,Method 2026
per
Rectified Current (See Fig.1)
4. Pulse Test: Pulse width
≤ 40ms.
2. Free air, mounted on recommended copper pad area.
MBR60
80PT-G
30
21
30
40
28
40
45
31.5
45
MBR60
30PT-G
MBR60
40PT-G
MBR60
45PT-G
100
70
100
0.85
0.65


Similar Part No. - MBR6050PT-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
MBR6050PT-G COMCHIP-MBR6050PT-G Datasheet
77Kb / 3P
   Schottky Barrier Rectifier
MBR6050PT-G COMCHIP-MBR6050PT-G Datasheet
77Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - MBR6050PT-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com