Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02066-EVME Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02066-EVME
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-EVME Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066-EVME Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02066-EVME Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description
02066-DSH-001-D
Mindspeed Technologies
®
9
Preliminary Information / Mindspeed Proprietary and Confidential
3.3
Modulator
The M02066 modulation output is optimized for driving a 25
load; the minimum required voltage at OUT+ and
OUT- is 0.6V. To interface with the laser diode, a matching resistor (RD) is required for impedance matching. An
RC shunt network is necessary to compensate for the laser diode parasitic inductance, thereby improving the
optical eye.
Typical values are RSHUNT = 39, CSHUNT = 3.9 pF.
These values will need to be optimized for a specific laser.Any capacitive loading at the cathode of a laser diode will
degrade the optical output performance. An inductor is used to isolate the BIAS pin from the laser cathode. See
Figure 3-1.
The modulator output stage is designed to drive up to 85mA in either AC-coupled or DC-coupled mode. DC-
coupled performance depends on the laser used.
RMODSET determines the modulation current according to the following formula: IMOD = 350/RMODSET
Figure 3-2 shows the modulation current for a given RMODSET resistor.
Figure 3-2.
Modulation Current vs. RMODSET
Modulation C urrent in m A
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
0
1020
3040
Rmodse t (kohms)


Similar Part No. - M02066-EVME

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02066-EVME MA-COM-M02066-EVME Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

Similar Description - M02066-EVME

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com