Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02139-23 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # M02139-23
Description  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-23 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02139-23 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
7
Mindspeed Proprietary and Confidential
2.0 Pad Definitions
Figure 2-1.
Bare Die Layout
Table 2-1.
Pad Descriptions
Die Pad #
Name
Function
1
AGC
Monitor or force AGC voltage.
2VCC
Power pin. Connect to most positive supply.
3
PINK
Common PIN input. Connect to photo diode cathode.(1)
4
PINA
Active PIN input. Connect to photo diode anode.
5VCC
Power pin. Connect to most positive supply.
6
MON
Analog current source output and rate selection function input pin. Current matched to average photodiode
current. If externally biasing the photodiode cathode the MON can be used for rate selection function only.
See Section 3.2.4 for detailed information.
7DOUT
Differential data output (goes low as light increases).
8,13
NC
No Connect. Leave floating.
9,10,11, 12
GND
Ground pin. Connect to the most negative supply (2).
14
DOUT
Differential data output (goes high as light increases).
NA
Backside
Backside. Connect to the lowest potential, usually ground.
NOTES:Notes:
1.
Alternatively the photodiode cathode may be connected to a decoupled positive supply, e.g. VCC.
2.
All ground pads are common on the die. Only one ground pad needs to be connected to the TO-Can ground. However, connecting more than one
ground pad to the TO-Can ground, particularly those across the die from each other can improve performance in noisy environments.
MON
PINA
PINK
VCC
AGC
DOUT
GND
GND
1
2
3
4
56
7
13
14
VCC
DOUT
NC
9
8
10
12
11
NC


Similar Part No. - M02139-23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

Similar Description - M02139-23

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com