Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02139-33 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02139-33
Description  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-33 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02139-33 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
11
Mindspeed Proprietary and Confidential
4.0 Applications Information
4.1
Recommended Pin Diode Connections
Figure 4-1.
Suggested PIN Diode Connection Methods
NOTE:
The monitor output is not usable if PINK does not bias the PD.
Selection of Rm depends on the maximum input current as detailed in Table 3-1.
Alternative Circuit: External PD/APD Bias
(optional )
1 nF
500
Ω
470 pF
PDC_Bias
PDC
TIA Bond Pad
TO Can Lead
PINA
DOUT
DOUTB
VCC
PINK
M02139
MON
GND
Recommended Circuit
TIA Bond Pad
TO Can Lead
PINA
DOUT
DOUTB
VCC
PINK
(optional )
1 nF
M02139
Rmon
(optional. For
IMON to VMON
MON
VCC
GND


Similar Part No. - M02139-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

Similar Description - M02139-33

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com