Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1040-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SR1040-G
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR1040-G Datasheet(HTML) 2 Page - Comchip Technology

  SR1040-G Datasheet HTML 1Page - Comchip Technology SR1040-G Datasheet HTML 2Page - Comchip Technology SR1040-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (SR1030-G Thru. SR10200-G)
Page 2
QW-BB031
REV:B
Comchip Technology CO., LTD.
Fig.1 Forward Current Derating Curve
0
Ambient Temperature, (°C)
0
75
175
Fig.2 Max. Non-repetitive Surge Current
0
Number of Cycles at 60Hz
0
100
50
100
200
50
100
250
125
4.0
8.0
12.0
10
300
Single phase
Half wave, 60Hz
Resistive or
inductive load
0.375"(9.5mm)
lead length
25
150
single half sine-wave
(JEDEC Method)
Pulse width 8.3ms
150
Schottky Barrier Rectifiers
10.0
6.0
2.0
Fig.5 Typical Junction Capacitance
1
Reverse Voltage, (V)
0.1
100
1
10
100
10
TJ=25°C
f=1MHz
Fig.3 Typical Reverse Characteristics
0.01
Percent or Rated Peak Reverse Voltage, (%)
0
0.1
100
60
20
40
80
140
100
120
1.0
10
TJ=100°C
TJ=75°C
TJ=25°C
Fig.4 Typical
Characteristics
Forward
0.1
Instantaneous Forward Voltage, (V)
0.1
1.0
100
0.4
0.2
0.3
0.5
1.0
0.6
0.7
10
TJ=25°C
Pulse width 300us
0.8
0.9
2% Duty cycle
SR
10
80
-G
~
SR
10
10
0-
G
SR
10
15
0-
G
~
SR
10
20
0-
G
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - SR1040-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
More results

Similar Description - SR1040-G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com