Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA480ACA-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # SA480ACA-HF
Description  Axial Lead Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA480ACA-HF Datasheet(HTML) 4 Page - Comchip Technology

  SA480ACA-HF Datasheet HTML 1Page - Comchip Technology SA480ACA-HF Datasheet HTML 2Page - Comchip Technology SA480ACA-HF Datasheet HTML 3Page - Comchip Technology SA480ACA-HF Datasheet HTML 4Page - Comchip Technology SA480ACA-HF Datasheet HTML 5Page - Comchip Technology SA480ACA-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UNI
BI
Maximum Reverse
Surge Current @
10/1000us sinewave
IPP (A)
Maximum
Clamping
Voltage @I PP
VC (V)
Marking Code
Part No
Maximum Reverse
Leakage @VRWM
R
I (uA)
Working Peak
Reverse Voltage
VRWM (V)
VBR Min.
(V)
IT
(V)
(mA)
VBR Max.
Breakdown voltage V@ IT
SA171A(CA)-HF
189.00
209.00
1
5
170.0
1.82
275.0
170CA
SA
170A
SA
SA181A(CA)-HF
200.00
220.00
1
5
180.0
1.71
291.6
180CA
SA
180A
SA
SA191A(CA)-HF
211.00
232.00
1
5
190.0
1.62
307.8
190CA
SA
SA190A
Axial Lead Transient Voltage Suppressor
Electrical Characteristics (SA5V0-HF Thru. SA191-HF)
QW-JTV12
Comchip Technology CO., LTD.
Page 4
REV:A
1) Suffix ‘A’ denotes 5% tolerance devices.
2) Add Suffix ‘C’ or ‘CA’ after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - SA480ACA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA480A(CA)-G COMCHIP-SA480A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA480ACA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA5V0-G COMCHIP-SA5V0-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com