Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE36A-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # P4KE36A-HF
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE36A-HF Datasheet(HTML) 4 Page - Comchip Technology

  P4KE36A-HF Datasheet HTML 1Page - Comchip Technology P4KE36A-HF Datasheet HTML 2Page - Comchip Technology P4KE36A-HF Datasheet HTML 3Page - Comchip Technology P4KE36A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
400W Transient Voltage Suppressor
Page 4
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Standard Packaging
Taping Specification For Axial Lead Diodes
B
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
B
Z
T
E
5.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
3.00 (max)
2.047 ± 0.020
0.197 ± 0.020
0.047 (max)
0.236 ± 0.016
0.118 (max)
A
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
SYMBOL
(mm)
(inch)
DO-15
SYMBOL
(mm)
(inch)
DO-15
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
Case Type
DO-41
5,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
50,000
QW-JTV11
REV:B


Similar Part No. - P4KE36A-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE36A-B LITTELFUSE-P4KE36A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE36A-C SECOS-P4KE36A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE36A-G COMCHIP-P4KE36A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE36A-LF SIRECT-P4KE36A-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE36A-T8 WTE-P4KE36A-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE36A-HF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com