Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08100 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08100
Description  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08100 Datasheet HTML 1Page - National Semiconductor (TI) ADC08100 Datasheet HTML 2Page - National Semiconductor (TI) ADC08100 Datasheet HTML 3Page - National Semiconductor (TI) ADC08100 Datasheet HTML 4Page - National Semiconductor (TI) ADC08100 Datasheet HTML 5Page - National Semiconductor (TI) ADC08100 Datasheet HTML 6Page - National Semiconductor (TI) ADC08100 Datasheet HTML 7Page - National Semiconductor (TI) ADC08100 Datasheet HTML 8Page - National Semiconductor (TI) ADC08100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A)
3.8V
Driver Supply Voltage (DR V
D)VA + 0.3V
Voltage on Any Input or Output Pin
−0.3V to V
A
Reference Voltage (V
RT,VRB)VA to AGND
CLK, OE Voltage Range
−0.3V to
(V
A + 0.3V)
Digital Output Voltage (V
OH,VOL)
DR GND to DR V
D
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
+2.7V to +3.6V
Driver Supply Voltage (DR V
D)
+2.4V to V
A
Ground Difference |GND - DR GND|
0V to 300 mV
Upper Reference Voltage (V
RT)
1.0V to (V
A + 0.1V)
Lower Reference Voltage (V
RB)
0Vto(V
RT − 1.0V)
V
IN Voltage Range
V
RB to VRT
Converter Electrical Characteristics
The following specifications apply for V
A =DRVD = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 100 MHz at 50%
duty cycle. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
DC ACCURACY
INL
Integral Non-Linearity
±0.5
±1.3
LSB (max)
DNL
Differential Non-Linearity
±0.4
+1.0
−0.95
LSB (max)
LSB (min)
Missing Codes
0
(max)
FSE
Full Scale Error
18
±28
mV (max)
V
OFF
Zero Scale Offset Error
26
±35
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
IN
Input Voltage
1.6
V
RB
V (min)
V
RT
V (max)
C
IN
V
IN Input Capacitance
V
IN = 0.75V +0.5
Vrms
(CLK LOW)
3
pF
(CLK HIGH)
4
pF
R
IN
R
IN Input Resistance
>1M
BW
Full Power Bandwidth
200
MHz
V
RT
Top Reference Voltage
1.9
V
A
V (max)
1.0
V (min)
V
RB
Bottom Reference Voltage
0.3
V
RT − 1.0
V (max)
0
V (min)
V
RT -
V
RB
Reference Delta
1.6
1.0
V (min)
2.3
V(max)
R
REF
Reference Ladder Resistance
V
RT to VRB
220
150
Ω (min)
300
Ω (max)
I
REF
Reference Ladder Current
7.3
5.3
mA (min)
10.6
mA (max)
CLK, PD DIGITAL INPUT CHARACTERISTICS
V
IH
Logical High Input Voltage
DR V
D =VA = 3.3V
2.0
V (min)
V
IL
Logical Low Input Voltage
DR V
D =VA = 2.7V
0.8
V (max)
I
IH
Logical High Input Current
V
IH =DRVD =VA = 3.3V
10
nA
www.national.com
4


Similar Part No. - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com