Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE110A-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # P4KE110A-HF
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE110A-HF Datasheet(HTML) 3 Page - Comchip Technology

  P4KE110A-HF Datasheet HTML 1Page - Comchip Technology P4KE110A-HF Datasheet HTML 2Page - Comchip Technology P4KE110A-HF Datasheet HTML 3Page - Comchip Technology P4KE110A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
400W Transient Voltage Suppressor
Page 3
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (P4KE-HF Series)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking Code
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Min.
IT
Max.
P4KE6.8(C)A-HF
P4KE7.5(C)A-HF
P4KE8.2(C)A-HF
P4KE9.1(C)A-HF
P4KE10(C)A-HF
P4KE11(C)A-HF
P4KE12(C)A-HF
P4KE13(C)A-HF
P4KE15(C)A-HF
P4KE16(C)A-HF
P4KE18(C)A-HF
P4KE20(C)A-HF
P4KE22(C)A-HF
P4KE24(C)A-HF
P4KE27(C)A-HF
P4KE30(C)A-HF
6.46
7.14
10
5.8
1000
10.5
P4KE6.8A
P4KE6.8CA
7.13
7.88
10
6.4
500
11.3
P4KE7.5A
P4KE7.5CA
7.79
8.61
10
7.0
200
12.1
P4KE8.2A
P4KE8.2CA
8.65
9.56
1
7.8
50
13.4
P4KE9.1A
P4KE9.1CA
9.50
10.50
1
8.6
10
14.5
P4KE10A
P4KE10CA
10.45
11.55
1
9.4
5.0
15.6
P4KE11A
P4KE11CA
11.40
12.60
1
10.2
5.0
16.7
P4KE12A
P4KE12CA
12.35
13.65
1
11.1
18.2
P4KE13A
P4KE13CA
14.25
15.75
1
12.8
21.2
P4KE15A
P4KE15CA
15.20
16.80
1
13.6
22.5
P4KE16A
P4KE16CA
17.10
18.90
1
15.3
25.2
P4KE18A
P4KE18CA
19.00
21.00
1
17.1
27.7
P4KE20A
P4KE20CA
20.90
23.10
1
18.8
30.6
P4KE22A
P4KE22CA
22.80
25.20
1
20.5
33.2
P4KE24A
P4KE24CA
25.65
28.35
1
23.1
37.5
P4KE27A
P4KE27CA
28.50
31.50
1
25.6
41.4
P4KE30A
P4KE30CA
P4KE33(C)A-HF
31.35
34.65
1
28.2
45.7
P4KE33A
P4KE33CA
P4KE36(C)A-HF
34.20
37.80
1
30.8
49.9
P4KE36A
P4KE36CA
P4KE39(C)A-HF
37.05
40.95
1
33.3
53.9
P4KE39A
P4KE39CA
P4KE43(C)A-HF
40.85
45.15
1
36.8
59.3
P4KE43A
P4KE43CA
P4KE47(C)A-HF
44.65
49.35
1
40.2
64.8
P4KE47A
P4KE47CA
P4KE51(C)A-HF
48.45
53.55
1
43.6
70.1
P4KE51A
P4KE51CA
P4KE56(C)A-HF
53.20
58.80
1
47.8
77.0
P4KE56A
P4KE56CA
P4KE62(C)A-HF
58.90
65.10
1
53.0
85.0
P4KE62A
P4KE62CA
P4KE68A
P4KE68CA
92.0
58.1
1
71.40
64.60
P4KE68(C)A-HF
P4KE75A
P4KE75CA
103.0
64.1
1
78.75
71.25
P4KE75(C)A-HF
P4KE82(C)A-HF
1
P4KE82A
P4KE82CA
113.0
77.90
86.10
70.1
P4KE91(C)A-HF
1
P4KE91A
P4KE91CA
125.0
86.45
95.55
77.8
P4KE100(C)A-HF
95.00
105.00
1
85.5
137.0
P4KE100A
P4KE100CA
P4KE110(C)A-HF
104.50
115.50
1
94.0
152.0
P4KE110A
P4KE110CA
P4KE120(C)A-HF
114.00
126.00
1
102.0
165.0
P4KE120A
P4KE120CA
P4KE130(C)A-HF
123.50
136.50
1
111.0
179.0
P4KE130A
P4KE130CA
P4KE150(C)A-HF
142.50
157.50
1
128.0
207.0
P4KE150A
P4KE150CA
P4KE160(C)A-HF
152.00
168.00
1
136.0
219.0
P4KE160A
P4KE160CA
P4KE170(C)A-HF
161.50
178.50
1
145.0
234.0
P4KE170A
P4KE170CA
P4KE180(C)A-HF
171.00
189.00
1
154.0
246.0
P4KE180A
P4KE180CA
P4KE200(C)A-HF
190.00
210.00
1
171.0
274.0
P4KE200A
P4KE200CA
P4KE220(C)A-HF
209.00
231.00
1
185.0
328.0
P4KE220A
P4KE220CA
P4KE250(C)A-HF
237.50
262.50
1
214.0
344.0
P4KE250A
P4KE250CA
P4KE300(C)A-HF
285.00
315.00
1
256.0
414.0
P4KE300A
P4KE300CA
P4KE350(C)A-HF
332.50
367.50
1
299.3
482.0
P4KE350A
P4KE350CA
P4KE380(C)A-HF
361.00
399.00
1
324.9
524.4
P4KE380A
P4KE380CA
P4KE400(C)A-HF
380.00
420.00
1
342.0
552.0
P4KE400A
P4KE400CA
P4KE440(C)A-HF
418.00
462.00
1
376.2
607.2
P4KE440A
P4KE440CA
P4KE500(C)A-HF
475.00
525.00
1
427.5
690.0
P4KE500A
P4KE500CA
P4KE520(C)A-HF
494.00
546.00
1
444.6
717.6
P4KE520A
P4KE520CA
P4KE550(C)A-HF
522.50
577.50
1
470.3
759.0
P4KE550A
P4KE550CA
P4KE600(C)A-HF
570.00
630.00
1
513.0
828.0
P4KE600A
P4KE600CA
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1) Suffix A denotes 5% tolerance devices.
Note:
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
0.58
0.56
0.53
0.48
38.10
35.40
33.06
29.85
27.59
25.64
23.95
21.98
18.87
17.78
15.87
14.44
6.17
5.71
13.07
12.05
10.67
9.66
8.75
8.02
7.42
6.75
5.19
4.71
4.35
3.88
3.54
3.20
2.92
2.63
2.42
2.23
1.93
1.83
1.71
1.63
1.46
1.22
1.16
0.97
0.83
0.76
0.72
0.66
QW-JTV11
REV:B


Similar Part No. - P4KE110A-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE110A-B LITTELFUSE-P4KE110A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE110A-C SECOS-P4KE110A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE110A-G COMCHIP-P4KE110A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE110A-LF SIRECT-P4KE110A-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE110A-T8 WTE-P4KE110A-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE110A-HF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com