Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SPS552 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS552
Description  SURMOUNT PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS552 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS552_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS552_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS552_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS552_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS552_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS552_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SURMOUNTTM PIN Diode
Rev. V3
MA4SPS552
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings3,4
Parameter
Absolute Maximum
Dissipated RF & DC Power
1 W
Forward Current
100 mA
Reverse Voltage
-200 V
Operating Temperature
-65°C to +150°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
Mounting Temperature
+260°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
Electrical Specifications @ +25°C
Symbol
Parameter
Conditions
Units
Min.
Typ.
Max.
CT
Capacitance
-40 V, 1 MHz
-40 V, 1 GHz
pF
0.08
0.06
0.14
RS
Resistance
100 mA, 100 MHz
20 mA, 100 MHz
Ω
1.7
2.4
VF
Forward Voltage
100 mA
10 mA
V
1.00
0.88
1.25
1.00
VR
Reverse Voltage
-10 µA
V
| - 200 |
| - 275 |
IR
Reverse Leakage Current
-40 V
nA
| - 10 |
JC
Thermal Resistance
Steady State
°C/W
30
TL
Lifetime
+10 mA / -6 mA
( 50% - 90% V )
µs
2.5
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.


Similar Part No. - MA4SPS552_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS552-T MACOM-MA4SPS552-T Datasheet
155Kb / 6P
   Surface Mount Monolithic PIN Diode Chip
logo
M/A-COM Technology Solu...
MA4SPS552-T MA-COM-MA4SPS552-T Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
logo
Tyco Electronics
MA4SPS552-W MACOM-MA4SPS552-W Datasheet
155Kb / 6P
   Surface Mount Monolithic PIN Diode Chip
logo
M/A-COM Technology Solu...
MA4SPS552-W MA-COM-MA4SPS552-W Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
More results

Similar Description - MA4SPS552_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
MA4SPS302 MA-COM-MA4SPS302_15 Datasheet
125Kb / 4P
   SURMOUNT PIN Diode
logo
Tyco Electronics
MA4SPS402 MACOM-MA4SPS402_1 Datasheet
216Kb / 7P
   SURMOUNT PIN Diode
MA4SPS502 MACOM-MA4SPS502_1 Datasheet
144Kb / 4P
   SURMOUNT PIN Diode
logo
M/A-COM Technology Solu...
MASW-001150-13160-V5 MA-COM-MASW-001150-13160-V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150 MA-COM-MASW-001150_15 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
   SURMOUNT Silicon PIN Diode SPDT Switch
MADP-064908-131000 MA-COM-MADP-064908-131000_15 Datasheet
156Kb / 7P
   Surmount PIN Chip
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com