Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT2016SB-16.368M-NSA3561A Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT2016SB-16.368M-NSA3561A
Description  Temperature Compensated Crystal Oscillator (TCXO) with Enable/Disable(Stand-by) function NT2016S Series (with high-precision GPS supported)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT2016SB-16.368M-NSA3561A Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT2016SB-16.368M-NSA3561A Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
- 10 -
13B_1227_NT2016SB_GPS_e
Temperature Compensated Crystal Oscillator (TCXO) with Enable/Disable(Stand-by) function
NT2016S Series (with high-precision GPS supported)
Model Name NT2016SB
For mobile terminals with high-precision GPS functions
Main Application
● A crystal oscillator with highly stable frequency / temperature characteristics best
suited for GPS.
● Supports low power supply voltage. (Supports DC +1.7 V to +3.3 V.)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm,
0.0022 cm3, and 0.008 g, respectively.
● Low power consumption.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● With Enable / Disable(Stand-by) function.
Features
Item
Model
NT2016SB
Nominal frequency range (MHz)
13 to 52
Standard frequency (MHz)
16.368, 16.369, 19.2, 26, 33.6
38.4
52
Supply voltage [VCC] (V)
+1.8
Load impedance
10 kΩ//10 pF
Current consumption
Enable (mA)
Max. 1.5
Max. 1.7 Max. 2.0
Disable (μA)
Max. 2
Output voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature characteristics
Max. ±0.5×10–6
Operating temperature range (°C)
–30 to +85
Storage temperature range (°C)
–40 to +85
Frequency/Voltage coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term frequency stability
Max. ±1.0×10–6/year
Enable/Disable function
Enable : 80%VCC to VCC,
Disable : 0V to 20% VCC
• Frequency setting conditions
1. Frequencies are set at normal temperatures (+25±2 °C).
• If you require a product with a different frequency, power
supply voltage, frequency control range, etc. to the standard
specifications, please contact us with your enquiries.
*1. A DC-cut capacitor is not embedded in this crystal oscillator.
Connect a DC-cut capacitor (1,000 pF) to the line-out
terminal of the oscillator.
Specifications
2.0 ± 0.1
1.2 ± 0.05
#1
#4
#2
#1
#2
#3
#4
#3
0.4 ± 0.1
Land pattern (Typical)
mm
#1
Enable/Disable
#2
GND
#3
OUTPUT
#4
VCC
Terminal land connections
1.2
0.6
0.6
Dimensions
Frequency
(MHz)
Ordering Code
16.368
NT2016SB-16.368M-NSA3561A
16.369
NT2016SB-16.369M-NSA3561A
19.2
NT2016SB-19.2M-NSA3561A
26
NT2016SB-26M-NSA3561B
33.6
NT2016SB-33.6M-NSA3561B
38.4
NT2016SB-38.4M-NSA3561C
52
NT2016SB-52M-NSA3561D
The above frequencies are NDK’s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
List of Ordering Codes


Similar Part No. - NT2016SB-16.368M-NSA3561A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT2016SB NDK-NT2016SB Datasheet
612Kb / 1P
   Low power supply voltage Temperature Compensated Crystal Oscillator
NT2016SB NDK-NT2016SB Datasheet
612Kb / 1P
   Temperature Compensated Crystal Oscillator
NT2016SB NDK-NT2016SB_18 Datasheet
612Kb / 1P
   Temperature Compensated Crystal Oscillator
NT2016SB_18 NDK-NT2016SB_18_03 Datasheet
611Kb / 1P
   Temperature Compensated Crystal Oscillator
NT2016SB_18_03 NDK-NT2016SB_18_03_29 Datasheet
612Kb / 1P
   Low power supply voltage Temperature Compensated Crystal Oscillator
More results

Similar Description - NT2016SB-16.368M-NSA3561A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BC NDK-NT7050BC Datasheet
580Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO) With Enable / Disable (Stand-by) function
NT2016SA NDK-NT2016SA Datasheet
253Kb / 1P
   Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
NT3225SA NDK-NT3225SA Datasheet
87Kb / 1P
   Crystal Oscillator Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO)
NT5032SC NDK-NT5032SC Datasheet
87Kb / 1P
   Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO)
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
   High Precision Temperature Compensated Crystal Oscillator (TCXO)
NT2016SC NDK-NT2016SC Datasheet
554Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
logo
Fronter Electronics Co....
TCXO-SMD3225 FRONTER-TCXO-SMD3225 Datasheet
128Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR(TCXO) FOR GPS
logo
NIHON DEMPA KOGYO
NT3225SA NDK-NT3225SA_15 Datasheet
377Kb / 2P
   Temperature Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT3225S Series
NT1612AA_18 NDK-NT1612AA_18_03 Datasheet
667Kb / 1P
   Temperature Compensated Crystal Oscillator with AFC function
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com