Electronic Components Datasheet Search |
|
MAADSS0016 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAADSS0016 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz Rev. V3 MAADSS0016 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features Integrated Logic Positive Single Control Insertion Loss: 1.5 dB @ 1.0 GHz IP3: >40 dBm typical @ 2.0 GHz Attenuation Accuracy: 0.3 dB + 1% @ 1.0 GHz 1-dB Attenuation Steps to 31 dB Low DC Power Consumption Lead-Free 3mm PQFN-16LD Plastic Package Halogen-Free “Green” Mold Compound RoHS* Compliant and 260°C Re-flow Compatible Description The MAADSS0016 is a 5-Bit, 1dB step GaAs MMIC digital attenuator in a lead-free 3mm 16 lead PQFN surface mount plastic package. This device is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits. The MAADSS0016 is part of a digital attenuator family. This family includes 4, 5, and 6 bit attenuators with 0.5, 1, or 2 dB steps and up to 31.5 range. Functional Schematic 3,4 3. Blocking capacitors are required on all RF ports. 4. RF Port and Ground pin capacitors are 1000 pF. Pin Configuration5 Pin No. Function Pin No. Function 1 VDD 9 Ext. C to GND 2 RFIN/OUT 10 Ext. C to GND 3 Ext. C to GND 11 RFIN/OUT 4 Ext. C to GND 12 V16 (16 dB Bit) 5 Ext. C to GND 13 V8 (8 dB Bit) 6 Ext. C to GND 14 V4 (4 dB Bit) 7 Ext. C to GND 15 V2 (2 dB Bit) 8 Ext. C to GND 16 V1 (1 dB Bit) Part Number Package MAADSS0016TR-1000 1000 piece reel MAADSS0016TR-3000 3000 piece reel MAADSS0016SMB Sample Board * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. Absolute Maximum Ratings 6,7 Parameter Absolute Maximum Input Power 500 - 4000 MHz +33 dBm Control Voltage -0.5 V < VC < 5.5 V Operating Temperature -40°C to +85°C Storage Temperature -65°C to +150°C 6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits. (Pin 1) VDD V16 V8 V4 V2 V1 RFIN/OUT (Pin 16) RFIN/OUT Ordering Information 1,2 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. 5. The exposed pad centered on the package bottom should be grounded. |
Similar Part No. - MAADSS0016_15 |
|
Similar Description - MAADSS0016_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |