Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0016TR-3000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016TR-3000
Description  Digital Attenuator, 5-Bit, Single Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016TR-3000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0016TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Lead Free 3 mm 16-Lead PQFN
† Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Typical Performance Curves
Input IP3 @ 0.5 GHz
Input IP3 @ 2 GHz
40
42
44
46
48
50
52
0
4
8
12
16
20
24
28
32
IIP3_Low
IIP3_High
Attenuation
40
42
44
46
48
50
52
0
4
8
12
16
20
24
28
32
IIP3_Low
IIP3_High
Attenuation


Similar Part No. - MAADSS0016TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016TR-3000 MA-COM-MAADSS0016TR-3000 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
More results

Similar Description - MAADSS0016TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com