Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0016SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016SMB
Description  Digital Attenuator, 5-Bit, Single Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Input Return Loss, Insertion Loss State
Typical Performance Curves
Relative Attenuation across all states
Insertion Loss
Input Return Loss, across all attenuation states
Output Return Loss, across all attenuation states
Output Return Loss, Insertion Loss State
-4
-3
-2
-1
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)


Similar Part No. - MAADSS0016SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
More results

Similar Description - MAADSS0016SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
   Digital Attenuator, 4-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com