Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-007304-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-007304-001SMB
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-007304-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-007304-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-007304-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-007304-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-007304-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-007304-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Noise Amplifier
0.5 - 3.0 GHz
Rev. V4
MAAL-007304
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Noise Figure: 0.7 dB at 2.3 GHz
 Single +3 to +5 V Supply Bias
 Low Current: 11.5 mA typical
 Lead-Free SOT-26 Plastic Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAL-007304 low noise amplifier is a
GaAs MMIC amplifier in a lead-free SOT-26 surface
mount plastic package. The MAAL-007304 employs
a monolithic 2-stage self-biased design and can be
biased between +3 to +5 volts, depending on system
requirements. The MAAL-007304 offers low noise,
low current, and high gain.
It can be tuned for
various applications from 0.5 to 3 GHz.
M/A-COM fabricates the MAAL-007304 using a low
noise pHEMT process to realize low noise and high
gain.
The process features full passivation for
performance and reliability.
Part Number
Package
MAAL-007304-000000
Bulk Packaging
MAAL-007304-TR3000
3000 piece reel
MAAL-007304-001SMB
Sample Board
2.3 - 2.5 GHz Tuning
Parameter
Absolute Maximum
RF Input Power
+10 dBm
Voltage
6.0 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
Pin Configuration
Pin No.
Pin Name
Description
1
VDD
Bias
2
GND
Ground
3
RFIN
RF Input
4
SRC
Source
5
GND
Ground
6
RFOUT
RF Output
VDD
RFIN
GND
RFOUT
SRC
GND
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Absolute Maximum Ratings 3,4
Ordering Information 1,2


Similar Part No. - MAAL-007304-001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-007304-001SMB MACOM-MAAL-007304-001SMB Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304-001SMB MA-COM-MAAL-007304-001SMB Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
More results

Similar Description - MAAL-007304-001SMB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com