Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011078 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011078
Description  Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011078 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011078 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Low Noise Amplifier
700 MHz - 6 GHz
Rev. V3
MAAL-011078
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
2.3 - 2.7 GHz Application Section
The MAAL-011078 is designed to work as a low
noise gain block over a wide range of frequencies in
a 50 Ω environment.
Input and output can be tuned to improve return loss
over a specific frequency band.
The evaluation board shown has been designed for
tuning flexibility. The parts list on page 10 details
the components needed to tune the MAAL-011078
for operation from 2.3 – 2.7 GHz. R1 or R2 may be
used as RBIAS according to the biasing option
chosen.
Evaluation Board, 2.3 - 2.7 GHz
Schematic, 2.3 - 2.7 GHz
J1
C1
C2
R3
L1
RFOUT
RFIN
VDD
2
7
C4
C3
C5
C6
R2
R1
C7
C8
C9
C10
J2
L2
VDD
VBIAS
GND
GND
7
1
3
5
9
8
2
4
6
10
J3
VBIAS


Similar Part No. - MAAL-011078

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011078

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com