Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011078 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011078
Description  Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011078 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011078 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011078 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low Noise Amplifier
700 MHz - 6 GHz
Rev. V3
MAAL-011078
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: Freq = 1.9 GHz, VDD = 3 V, +25ºC, Z0 = 50 Ω, VBIAS = 2.3 V
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Noise Figure
-
dB
0.35
0.7
Gain
-
dB
21
23
25
Input Return Loss6
-
dB
5
Output Return Loss6
-
dB
5
Output IP3
PIN = -22 dBm, tones 11 MHz apart
dBm
33
Output P1dB
-
dBm
17.5
Total Current
IDQ = IDD + IBIAS
mA
39
50
68
Parameter
Absolute Maximum
RF Input Power CW
19 dBm
VDD
6 V
VBIAS
5 V
Storage Temperature
-55ºC to +150ºC
Operating Temperature
-40ºC to +85ºC
Junction Temperature10
+150ºC
Absolute Maximum Ratings7,8,9
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
5. Refer to biasing options on page 3.
6. Return Loss can be improved with external matching components. Refer to application section.
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8. MACOM does not recommend sustained operation near these
survivability limits.
9. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
10.Junction Temperature (TJ) = TC + ӨJC * ((V * I) - (POUT - PIN))
Typical thermal resistance (ӨJC) = 83°C/W
a) For TC = +25°C,
TJ = 33°C @ 3 V, 0.05 A, POUT = 17.5 dBm, PIN = -4.5 dBm
b) For TC = +85°C,
TJ = 93°C @ 3 V, 0.05 A, POUT = 17.5 dBm, PIN = -4.5 dBm


Similar Part No. - MAAL-011078

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011078

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com