Electronic Components Datasheet Search |
|
MAALSS0044 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAALSS0044 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 5 page Low Noise Amplifier 1.5 - 1.6 GHz Rev. V1 MAALSS0044 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications 7: TA = 25°C, VDD = +5 V, Z0 = 50 Ω Parameter Test Conditions Units Min. Typ. Max. Gain 1.5 - 1.6 GHz, PIN = -30 dBm dB 19 21 23 Noise Figure 1.5 - 1.6 GHz dB — 1.55 1.9 Input VSWR 1.5 - 1.6 GHz, PIN = -30 dBm Ratio — 1.5:1 — Output VSWR 1.5 - 1.6 GHz, PIN = -30 dBm Ratio — 1.5:1 — Output 1 dB Compression 1.5 - 1.6 GHz dBm — 6 — Input IP3 1.5 - 1.6 GHz, PIN = -30 dBm dBm — -2 — Reverse Isolation 1.5 - 1.6 GHz, PIN = -30 dBm dB — 40 — Bias Current — mA 5 8 11 7. See plots for 3-volt performance. Component List Part Value Case Size Manufacturer C1 500 pF 0603 Murata L1 15 nH 0805 Coilcraft R1 (optional) 35 to 40 Ω 0603 Panasonic 8. Pins 1, 4, 5 and 8 must be RF and DC grounded as shown. 9. Pin 3 is the RF input; pin 6 is the RF output. VDD is applied on pin 7. This pin must be bypassed with a 500 pF surface mount MLC capacitor, mounted as close as possible to pin 7, and RF decoupled with a chip inductor having a minimum value of 15 nH (as shown in the Recommended PCB Configuration). 10. Pin 2 allows use of an external resistor to ground for optional, higher current bias. For nominal current operation no resistor is used. For optional 20-mA current operation, connect a 35 to 40 Ω chip resistor (as shown in the Recommended PCB Configuration). Application Schematic 8,9,10 Recommended PCB Configuration L1 C1 VDD RF IN RF OUT R1 (Optional) See Note 8 |
Similar Part No. - MAALSS0044_15 |
|
Similar Description - MAALSS0044_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |