Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011078-TR3000 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011078-TR3000
Description  Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011078-TR3000 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011078-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-011078-TR3000 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low Noise Amplifier
700 MHz - 6 GHz
Rev. V3
MAAL-011078
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
Component
Value
Manufacturer
Manufacturer Part #
Size
C1
0201
C2
10 pF
Murata
GJM0336C1E100JB01
0201
C3
0.7 pF
Murata
GJM0335C1ER70WB0
0201
C4
1.8 pF
Murata
GJM0335C1E1R8BB01
0201
C5
0.4 pF
Murata
GJM0335C1ER40WB01
0201
C6
0201
C7
0402
C8
0.1 µF
0402
C9, C10
49 pF
0201
L1
2.5 nH
0201
Coilcraft
0201DS-2N5XJL
L2
2.7 nH
0201
Murata
LQP03TN2N7C02
R1
470 Ω
0402
R2
0402
R3
0 Ω
0201
Parts List, 2.3 - 2.7 GHz
2.3 - 2.7 GHz Application Section


Similar Part No. - MAAL-011078-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011078-TR3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com