Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0044SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0044SMB
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0044SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0044SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. V1
MAALSS0044
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Noise Figure: 1.55 dB
 High Gain: 21 dB
 Low Power Consumption: 3 to 5 V, 8 mA
 High Dynamic Range
 DC Decoupled RF Input and Output
 No External RF Tuning Elements Necessary
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MAAM12021
Description
M/A-COM’s MAALSS0044 is a high performance
GaAs MMIC low noise amplifier in a lead-free
SOIC-8 surface mount package. The MAALSS0044
employs a fully monolithic design which eliminates
the need for external tuning networks. It can be
biased using 3- or 5-volt supplies and has an option
for biasing at higher currents for increased dynamic
range.
The MAALSS0044 is ideally suited for use where
low noise figure, high gain, high dynamic range and
low power consumption are required.
Typical
applications include receiver front ends in the Global
Positioning System (GPS) and Japanese Personal
Digital Cellular (PDC-1500) markets, as well as
standard gain blocks, buffer amps, driver amps and
IF amps in both fixed and portable systems.
M/A-COM’s MAALSS0044 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Ordering Information 1,2
Part Number
Package
MAALSS0044
Bulk Packaging
MAALSS0044TR-3000
3000 piece reel
MAALSS0044SMB
Sample Test Board
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
Ground
2
R1 (Optional)
See Note 10
6
RF Output
3
RF Input
7
VDD
4
Ground
8
Ground
Functional Block Diagram
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current 5
30 mA
Channel Temperature 6
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. Only if pin 2 is used to increase current (see note 10.
6. Typical thermal resistance (θjc) = +165°C/W.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
8
7
6
5
1
2
3
4
RF OUT
GND
GND
RF IN
GND
GND
VDD
R1
(optional)
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAALSS0044SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0044SMB MACOM-MAALSS0044SMB Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
M/A-COM Technology Solu...
MAALSS0044SMB MA-COM-MAALSS0044SMB Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
More results

Similar Description - MAALSS0044SMB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com