Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C485352 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C485352
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C485352 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI6C485352
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
2
PI6C485352 Rev. A
01/24/13
Pin #
Pin Name
Type
Description
1, 2
3, 4
5, 6
7, 8
9, 10
11, 12
25, 26
27, 28
29, 30
31, 32
33, 34
35, 36
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
Q4, /Q4
Q5, /Q5
/Q11, Q11
/Q10, Q10
/Q9,Q9
/Q8,Q8
/Q7,Q7
/Q6,Q6
Output
Differential LVPECL Output pairs. LVPECL inter-
face levels
13, 24
37, 48
VCCO
Power
Output supply pins
14, 23
VEE
Ground pins
15, 22
VCC
Core supply pins
16, 17
18, 19
20, 21
40, 41
42, 43
44, 45
SEL5, SEL4,
SEL3, SEL9,
SEL10, SEL11,
SEL8, SEL7,
SEL6, SEL0,
SEL1, SEL2
Pulldown
Clock select inputs. LVCMOS/LVTTL interface
levels
38
CLK1
Pulldown
Non-inverting differential clock input
39
/CLK1
Pullup/Pulldown
Inverting differential clock input
46
CLK0
Pulldown
Non-inverting differential clock input
47
/CLK0
Pullup/Pulldown
Inverting differential clock input
Pinout Table
13-0003


Similar Part No. - PI6C485352

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01BLIE PERICOM-PI6C48535-01BLIE Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01L PERICOM-PI6C48535-01L Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01LE PERICOM-PI6C48535-01LE Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C485352

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S202 RENESAS-853S202 Datasheet
1Mb / 23P
   12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer
July 23, 2018
logo
Integrated Circuit Syst...
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
   4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
   4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com