Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C490086 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C490086
Description  PLL Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490086 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C490086 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.pericom.com
PI6C490086
RevB
2/16/2012
PI6C490086
Features
Î
Support XTAL or Clock input at 25MHz
Î
Three buffered outputs support VDD operation
Î
One 8.192 MHz output
Î
Very low phase jitter(RMS), 25MHz : < 2ps
Î
Very low additive jitter: <500fs (typ)
Î
3.3V supply voltage for Core
Î
1.8V ~ 3.3V supply voltage for two outputs
Î
Packaging: 16-pin TSSOP
Î
Commercial & Industrial Temperature support
Applications
Î
Networking Systems
Î
Femtocell BTS
Î
Peripheral
Block Diagram
Pin Configuration (16-Pin TSSOP)
Description
The PI6C490086 is a low jitter clock generator supporting
either XTAL or reference input. Two of its buffered outputs can
support wide operating voltage from 1.8V to 3.3V. It is a cost ef-
fective way to generate multiple outputs for all kinds of applica-
tions that need 25MHz with different power supplies and a 8.192
MHz clock signal.
PLL Clock Multiplier
X2
GND
VDD
CLK1
CLK2
VDDO
CLK3
GND
X1/ICLKIN
VDD
GND
VDD
VDDO8
GND
OE#
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16-pin (173 mil) TSSOP
CLK8
X1/CLKIN
PLL
Crystal
Oscillator
OE#
CLK1
V
V
CLK3
CLK8
CLK2
GND
X2
DDO8
DD
VDDO
12-0165


Similar Part No. - PI6C490086

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AE PERICOM-PI6C49003AE Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
More results

Similar Description - PI6C490086

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
   PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
   PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
   PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
   PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501 ICST-ICS501 Datasheet
122Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com