Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C490094 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C490094
Description  1:4 24MHz Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490094 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C490094 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490094 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490094 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490094 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490094 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C490094 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.pericom.com
PI6C490094
Rev A
08/09/13
PI6C490094
1:4 24MHz Clock Buffer
DATE: 05/03/12
DESCRIPTION: 16-Pin, 173mil Wide TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL #: PD-1310
REVISION: F
Notes:
1. Refer JEDEC MO-153F/AB
2. Controlling dimensions in millimeters
3. Package outline exclusive of mold flash and metal burr
12-0372
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 16-Pin TSSOP (L)
Ordering Information
Ordering Code
Package Code Package Type
Operating Temperature
PI6C490094LE
L
Pb-free & Green, 16-pin TSSOP Commercial
PI6C490094LIE
L
Pb-free & Green, 16-pin TSSOP Industrial
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
13-0129


Similar Part No. - PI6C490094

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
PI6C490098LE PERICOM-PI6C490098LE Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
PI6C490098LIE PERICOM-PI6C490098LIE Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
More results

Similar Description - PI6C490094

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
logo
Cypress Semiconductor
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com