Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC387MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC387MS8
Description  HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC387MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC387MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 6Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 7Page - Hittite Microwave Corporation HMC387MS8 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
12 - 199
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC387MS8
HIGH IP3 GaAs MMIC
MIXER, 450 - 500 MHz
v01.1003
Input IP2 vs. LO Drive
Input IP2 vs. Temperature
@ LO = +17 dBm
MxN Spurious Outputs
nLO
mRF
0
1
2
3
4
0xx
-5
13
13
6
1
1.5
0
27
25
42
2
5465475361
3
8377857470
4
8585858585
RF Freq = 0.45 GHz @ 0 dBm
LO Freq = 0.38 GHz @ +17 dBm
All values in dBc relative to the IF output power.
Harmonics of LO
nLO Spur @ RF Port
LO Freq (GHz)
1
2
3
4
0.35
27
37
38
39
0.37
26
35
43
39
0.39
25
34
44
41
0.41
24
33
41
43
0.43
23
32
38
44
0.45
22
31
37
45
LO = +17 dBm
All values are in dBc below input LO level @ RF port.
* LO Frequency optimized. See application circuit herein.
30
35
40
45
50
55
60
65
70
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
30
35
40
45
50
55
60
65
70
0.4
0.45
0.5
0.55
0.6
LO= +13dBm
LO= +15dBm
LO= +17dBm
LO= +19dBm
RF FREQUENCY (GHz)
Input P1dB vs. Temperature
IF = 70 MHz
10
15
20
25
30
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)


Similar Part No. - HMC387MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8 Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8E HITTITE-HMC387MS8E Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results

Similar Description - HMC387MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com