Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011177-TR2500 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011177-TR2500
Description  Push-Pull CATV Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011177-TR2500 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011177-TR2500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAM-011177-TR2500 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Push-Pull CATV Amplifier
45 - 1200 MHz
Rev. V2
MAAM-011177
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
14. See ‘Off-Chip Component Values: 45 - 1000 MHz Applications’ for the sample board BOM which corresponds to these specifications.
15. Digital channels are -6 dB relative to analog channels.
Electrical Specifications14: Freq: 45 - 1000 MHz, TA = 25°C, VDD = 24 V, Z0 = 75 Ω
Parameter
Test Conditions
Units Min.
Typ.
Max.
Gain
45 MHz
1000 MHz
dB
27
28
Gain Slope
dB
1
Noise Figure
45 MHz
1000 MHz
dB
4.5
4.0
Reverse Isolation
dB
38
Input Return Loss
45 – 1000 MHz
dB
19
Output Return Loss
45 – 1000 MHz
dB
20
P1dB
1000 MHz
dBm
26
OIP3
1000 MHz, 6 MHz Spacing, +15 dBm POUT per tone
dBm
39
OIP2
1000 MHz, 6 MHz Spacing, +15 dBm POUT per tone
dBm
61
CTB15
79 NTSC VO = +44 dBmV Flat
79 NTSC + 75 ATSC VO = +44 dBmV Flat
dBc
-73
-72
CSO15
79 NTSC VO = +44 dBmV Flat
79 NTSC + 75 ATSC VO = +44 dBmV Flat
dBc
-75
-74
XMOD15
79 NTSC VO = +44 dBmV Flat
79 NTSC + 75 ATSC VO = +44 dBmV Flat
dBc
-63
-62
CCNR15
79 NTSC + 75 ATSC VO = +44 dBmV Flat
dBc
68
IDD
+24 Volts
mA
265
Applications Section


Similar Part No. - MAAM-011177-TR2500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100-001SMB MA-COM-MAAM-011100-001SMB Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100-TR1000 MA-COM-MAAM-011100-TR1000 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
   Broadband Variable Gain Amplifier
More results

Similar Description - MAAM-011177-TR2500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
   CATV Infrastructure Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com