Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM26100-B1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM26100-B1
Description  GaAs MMIC Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM26100-B1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM26100-B1_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM26100-B1_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM26100-B1_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs MMIC Power Amplifier
2 - 6 GHz
Rev. V7
MAAM26100-B1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Saturated Power: 30.5 dBm Typical
 Gain: 19 dB Typical
 Power Added Efficiency: 30%
 DC Decoupled RF Input and Output
 Lead-Free 7-Lead Ceramic Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAM26100-B1 is a GaAs MMIC two stage
high
efficiency
power
amplifier
in
a
small,
lead-free, 7-leadceramic package. The MAAM26100
-B1 is a fully monolithic design which eliminates the
need for external circuitry in 50-ohm systems.
The MAAM26100-B1 is ideally suited for driver
amplifiers
and
transmitter
outputs
in
UMTS
applications, test equipment, electronic warfare
jammers, missile subsystems and phased array
radars.
The MAAM26100-B1 is fabricated using a mature
0.5-micron gate length GaAs process. The process
features
full
passivation
for
increased
performance reliability.
Ordering Information
Part Number
Package
MAAM26100-B1
7 lead, Ceramic (CR-2)
MAAM26100-B1G
7 lead, Ceramic (CR-2)
with Gull Wing
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VGG
5
VD1
2
RF Output
6
Internal Ground
3
Internal Ground
7
RF Input
4
VD2
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
VDD
+9 V
VGG
-6 V to -3 V
RF Input Power
+17 dBm
Channel Temperature
150°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device and will void product
warranty.
2. M/A-COM Tech does not recommend sustained operation
near these survivability limits.
3. Nominal bias is obtained by first connecting –5 volts to pin 1
(VGG), followed by connecting +8 volts to pin 5 (VD1) and pin 4
(VD2). Note sequence.
4. RF ground and thermal interface are the case bottom.
Adequate heat sinking is required.
Functional Diagram 3,4
7
RF
IN
2
RF
OUT
VGG
1
6
3
VDD
1000 pF
1000 pF
4
5
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAM26100-B1_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM26100-B1G MA-COM-MAAM26100-B1G Datasheet
116Kb / 2P
   GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
MAAM26100-B1G MA-COM-MAAM26100-B1G Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results

Similar Description - MAAM26100-B1_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
MAAM26100 MA-COM-MAAM26100_15 Datasheet
780Kb / 6P
   GaAs MMIC Power Amplifier
MAAM26100 MA-COM-MAAM26100 Datasheet
785Kb / 5P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com