Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0041 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0041
Description  Broadband CATV Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0041 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0041_16 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0041_16 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0041_16 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0041_16 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0041_16 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V4
MAAMSS0041
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
14.0
14.8
16.0
Gain Flatness
dB
0.5
1.0
Noise Figure
dB
2.7
3.8
Input Return Loss
dB
20
Output Return Loss
dB
18
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
36
Composite Triple Beat, CTB
132 channels, +23 dBmV/channel at the output.
dBc
-80
Composite Second Order, CSO
132 channels, +23 dBmV/channel at the output.
dBc
-70
P1dB
dBm
23
IDD
+ 8 Volts
mA
100
130
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +8 Volts, Z0 = 75 Ω
Schematic Including Off-Chip
Components
C1
L1
C3
C2
VDD
Pin 1
L2
C4
R1
L3
C5
RFOUT
RFIN
Recommended Board Layout
Off-Chip Component Values
Component
Value
Package
C1 - C4
0.01 µF
0402
C5
0.5 pF
0402
L17
1000 nH
1210
L2
8.2 nH
0402
L3
5.6 nH
0402
R1
523 Ω
0402
7. L1 supplied from EPCOS, part number B82422A1102K100.


Similar Part No. - MAAMSS0041_16

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
More results

Similar Description - MAAMSS0041_16

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
   Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042_15 Datasheet
158Kb / 4P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060_15 Datasheet
857Kb / 7P
   Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
   Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
   Broadband CATV Amplifier
MAAM-009100 MA-COM-MAAM-009100_15 Datasheet
887Kb / 5P
   Broadband CATV Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com