Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0045 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current6
80 mA
Channel Temperature7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. When pin #2 is used to increase current. (See note 9)
7. Thermal resistance (
jc) = +99°C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, F = 1785 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 45 mA3
3 V, 20 mA
dB
dB
12.0
14
12.5
Noise Figure
5 V, 45 mA3
3 V, 20 mA
dB
dB
1.4
1.5
1.8
Input VSWR
Ratio
1.5:1
Output VSWR
Ratio
2.0:1
Output 1 dB Compression
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
16.0
9.0
Input IP3
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
13.0
15
8.0
Reverse Isolation
dB
22
Drain Current
5 V, 45 mA2
mA
30
45
60
3. Using external 15 Ω resistor. See functional schematic on page 3.


Similar Part No. - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
MAAMSS0045SMB MACOM-MAAMSS0045SMB Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045SMB MA-COM-MAAMSS0045SMB Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results

Similar Description - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com