Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0067 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0067
Description  Low Noise CATV Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0067 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0067_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0067_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0067_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0067_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0067_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0067
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
11.5
12.2
13.0
Gain Flatness
dB
0.4
1.0
Noise Figure
dB
3.3
4.0
Input VSWR
Ratio
1.3:1
Output VSWR
Ratio
1.5:1
Output IP3
Two tones at 397 & 403 MHz, +4 dBm output per tone
dBm
32
Composite Triple Beat, CTB
135 Channels, +13 dBmV/Channel at the input
dBc
-78
-70
Composite Second Order, CSO
135 Channels, +13 dBmV/Channel at the input
dBc
-78
-70
Cross modulation
135 Channels, +13 dBmV/Channel at the input
dBc
-73
-64
P1dB
400 MHz
dBm
24
IDD
+5 Volts
mA
190
225
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 ohms
Test Circuit with M/A-COM Balun ETN1-1-13
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Qty
Description
8
Capacitor, 0.01 uF, 0603, SMT, 10% (C1-C8)
2
Capacitor, 2 pF, 0402, SMT, ± 0.25pF (C9-C10)
2
Inductor, 390 nH, 1008, SMT, 10% (L1, L2)
2
Balun, 1:1, M/A-COM, ETN1-1-13, SMT (T1,T2)
2
Resistor, 0 ohms, 0603, SMT (R1, R2)
External Circuitry Parts List
Test Circuit Schematic5
5. The 1:1 baluns, T1 & T2, are M/A-COM part number
ETN1-1-13.
RF IN
T1
T2
C2
C7
C8
L2
C6
L1
C5
+5V
+5V
C3
C4
C1
RF
OUT
R2
R1
C9
C10
RF IN
T1
T2
C2
C7
C8
L2
C6
L1
C5
+5V
+5V
C3
C4
C1
RF
OUT
R2
R1
C9
C10
6. Reference M/A-COM Application Note S2083 for
recommended PCB configuration. R1 and R2 are 0 ohms.
Recommended Test Circuit Layout6


Similar Part No. - MAAMSS0067_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0067SMB MACOM-MAAMSS0067SMB Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0067SMB MA-COM-MAAMSS0067SMB Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAMSS0067TR-3000 MACOM-MAAMSS0067TR-3000 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0067TR-3000 MA-COM-MAAMSS0067TR-3000 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
More results

Similar Description - MAAMSS0067_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier
logo
RFHIC
AE342A RFHIC-AE342A Datasheet
601Kb / 7P
   Low Noise Amplifier for CATV, Satellite
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
   Low Noise Amplifier for CATV, Satellite
ACQ102 RFHIC-ACQ102 Datasheet
576Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE312 RFHIC-AE312_14 Datasheet
606Kb / 6P
   Low Noise Amplifier for CATV, Satellite
logo
Tyco Electronics
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com