Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0006 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0006
Description  Digital Attenuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0006 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0006_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0006_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0006_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0006_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0006_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0006_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
Rev. V4
MAATCC0006
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Attenuation Accuracy, 16 dB
Attenuation Accuracy, 30 dB
-0.8
-0.4
0
0.4
0.8
0
0.5
1
1.5
2
2.5
3
Fre que ncy (GHz )
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
0
0.5
1
1.5
2
2.5
3
Fre que ncy (GHz )
Typical RF1 VSWR
Typical RF2 VSWR
1
1.1
1.2
1.3
1.4
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Insert io n Lo ss
16 d B
3 0 d B
2 , 4 , & 8 d B
1
1.1
1.2
1.3
1.4
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Insert io n Lo ss
16 d B
3 0 d B
2 , 4 , & 8 d B
Typical Performance Curves


Similar Part No. - MAATCC0006_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0006-TB MACOM-MAATCC0006-TB Datasheet
247Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0006-TB MA-COM-MAATCC0006-TB Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
MAATCC0006TR MACOM-MAATCC0006TR Datasheet
247Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0006TR MA-COM-MAATCC0006TR Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAATCC0006_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com