Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011146-STD Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011146-STD
Description  Power Amplifier, 2 W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011146-STD Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-011146-STD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-011146-STD Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Power Amplifier, 2 W
21.15 - 23.65 GHz
Rev. V2
MAAP-011146-STD
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Typical Performance Curves: VD = 6 V
Gain @ 23.7 GHz
Gain @ 22.7 GHz
OIP3 @ 22.7 GHz
OIP3 @ 23.7 GHz


Similar Part No. - MAAP-011146-STD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011140-DIE MA-COM-MAAP-011140-DIE Datasheet
930Kb / 12P
   Power Amplifier, 6 W
MAAP-011145 MA-COM-MAAP-011145 Datasheet
1Mb / 9P
   Integrated Power Detector
MAAP-011145-001SMB MA-COM-MAAP-011145-001SMB Datasheet
1Mb / 9P
   Integrated Power Detector
MAAP-011145-TR0500 MA-COM-MAAP-011145-TR0500 Datasheet
1Mb / 9P
   Integrated Power Detector
More results

Similar Description - MAAP-011146-STD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
logo
NXP Semiconductors
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
   DCS/PCS 2 W power amplifier
1997 Apr 03
logo
Sanyo Semicon Device
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com