Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC397 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC397
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC397 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC397 Datasheet HTML 1Page - Hittite Microwave Corporation HMC397 Datasheet HTML 2Page - Hittite Microwave Corporation HMC397 Datasheet HTML 3Page - Hittite Microwave Corporation HMC397 Datasheet HTML 4Page - Hittite Microwave Corporation HMC397 Datasheet HTML 5Page - Hittite Microwave Corporation HMC397 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
1 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC397
v00.1002
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 10.0 GHz
Recommended Component Values
Component
Frequency (MHz)
50
1000
3000
7000
L1
270 nH
56 nH
8.2 nH
2.2 nH
C1, C2
0.01 µF
100 pF
100 pF
100 pF
Application Circuit
Pin Number
Function
Description
Interface Schematic
1
RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
2
RFOUT
RF output and DC Bias for the output stage.
Die
Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
Note:
1. Select Rbias to achieve Icq using equation below,
Rbias > 22 Ohm.
2. External blocking capacitors are required on
RFIN and RFOUT.
Icq = Vs - 3.9
Rbias


Similar Part No. - HMC397

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC397 HITTITE-HMC397 Datasheet
188Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC397 HITTITE-HMC397 Datasheet
191Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
logo
Micross Components
HMC397 MICROSS-HMC397 Datasheet
834Kb / 9P
   Stable Gain Over Temperature
logo
Analog Devices
HMC397 AD-HMC397 Datasheet
291Kb / 6P
   Stable Gain Over Temperature
logo
Hittite Microwave Corpo...
HMC397 HITTITE-HMC397_07 Datasheet
191Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results

Similar Description - HMC397

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC405 HITTITE-HMC405 Datasheet
213Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10.0 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com