Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDP2S12CR Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # JDP2S12CR
Description  UHF-VHF Band RF Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S12CR Datasheet(HTML) 3 Page - Toshiba Semiconductor

  JDP2S12CR_14 Datasheet HTML 1Page - Toshiba Semiconductor JDP2S12CR_14 Datasheet HTML 2Page - Toshiba Semiconductor JDP2S12CR_14 Datasheet HTML 3Page - Toshiba Semiconductor JDP2S12CR_14 Datasheet HTML 4Page - Toshiba Semiconductor JDP2S12CR_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JDP2S12CR
2014-03-01
3
IF-VF
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V F [V]
Ta=25℃
CT-VR
1
10
0
5
10
15
20
25
30
35
40
45
50
V R [V]
f=1MHz
Ta=25℃


Similar Part No. - JDP2S12CR_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S12CR TOSHIBA-JDP2S12CR Datasheet
165Kb / 5P
   UHF~VHF Band RF Switch Applications
More results

Similar Description - JDP2S12CR_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP3C13U TOSHIBA-JDP3C13U Datasheet
144Kb / 3P
   UHF~VHF Band RF Switch Applications
JDP2S05FS TOSHIBA-JDP2S05FS Datasheet
101Kb / 4P
   UHF~VHF Band RF Switch Applications
JDP2S02ACT TOSHIBA-JDP2S02ACT_14 Datasheet
146Kb / 4P
   UHF-VHF Band RF Switch Applications
JDP3C02AU TOSHIBA-JDP3C02AU Datasheet
125Kb / 3P
   UHF~VHF Band RF Switch Applications
JDP2S12CR TOSHIBA-JDP2S12CR Datasheet
165Kb / 5P
   UHF~VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_07 Datasheet
131Kb / 3P
   UHF~VHF Band RF Switch Applications
JDP2S05CT TOSHIBA-JDP2S05CT Datasheet
112Kb / 4P
   UHF~VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_14 Datasheet
142Kb / 3P
   UHF-VHF Band RF Switch Applications
JDP2S08SC TOSHIBA-JDP2S08SC_14 Datasheet
134Kb / 3P
   UHF-VHF Band RF Switch Applications
JDP2S02ACT TOSHIBA-JDP2S02ACT Datasheet
134Kb / 4P
   UHF~VHF Band RF Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com