Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08131 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08131 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC08131 Datasheet HTML 1Page - National Semiconductor (TI) ADC08131 Datasheet HTML 2Page - National Semiconductor (TI) ADC08131 Datasheet HTML 3Page - National Semiconductor (TI) ADC08131 Datasheet HTML 4Page - National Semiconductor (TI) ADC08131 Datasheet HTML 5Page - National Semiconductor (TI) ADC08131 Datasheet HTML 6Page - National Semiconductor (TI) ADC08131 Datasheet HTML 7Page - National Semiconductor (TI) ADC08131 Datasheet HTML 8Page - National Semiconductor (TI) ADC08131 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Power Dissipation at T
A = 25˚C
(Note 5)
800 mW
ESD Susceptibility (Note 6)
1500V
Soldering Information
N Package (10 sec.)
SO Package:
Vapor Phase (60 sec.)
Infrared (15 sec.) (Note 7)
260˚C
215˚C
220˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage (V
CC)
4.5 V
DC to 6.3 VDC
Electrical Characteristics
The following specifications apply for V
CC = +5 VDC,VREF = +2.5 VDC and fCLK = 1 MHz unless otherwise specified. Bold-
face limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Linearity Error
V
REF = +2.5 VDC
±1
LSB (max)
Full Scale Error
V
REF = +2.5 VDC
±1
LSB (max)
Zero Error
V
REF = +2.5 VDC
±1
LSB (max)
Total Unadjusted Error
V
REF = +5 VDC
(Note 10)
±1
LSB (max)
Differential Linearity
V
REF = +2.5 VDC
8
Bits (min)
R
REF
Reference Input Resistance
(Note 11)
3.5
k
1.3
k
Ω (min)
6.0
k
Ω (max)
V
IN
Analog Input Voltage
(Note 12)
(V
CC + 0.05)
V (max)
(GND − 0.05)
V (min)
DC Common-Mode Error
V
REF = 2.5 VDC
±12
LSB (max)
Power Supply Sensitivity
V
CC = +5V ±5%,
±14
LSB (max)
V
REF = +2.5 VDC
On Channel Leakage Current
(Note 13)
On Channel = 5V,
0.2
µA (max)
Off Channel = 0V
1
On Channel = 0V,
−0.2
µA (max)
Off Channel = 5V
−1
Off Channel Leakage Current
(Note 13)
On Channel = 5V,
−0.2
µA (max)
Off Channel = 0V
−1
On Channel = 0V,
0.2
µA (max)
Off Channel = 5V
1
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
CC = 5.25V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
CC = 4.75V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
1
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−1
µA (max)
V
CC = 4.75V:
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
4.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
CC = 4.75V
0.4
V (max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE® Output Current
V
OUT = 0V
−3.0
µA (max)
V
OUT = 5V
3.0
µA (max)
I
SOURCE
Output Source Current
V
OUT = 0V
−6.5
mA (min)
www.national.com
3


Similar Part No. - ADC08131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08131 TI1-ADC08131 Datasheet
789Kb / 24P
[Old version datasheet]   8-Bit High-Speed Serial I/O A/D Converters
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
[Old version datasheet]   8-Bit High-Speed Serial I/O A/D Converters
More results

Similar Description - ADC08131

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com