Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76925PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76925PWR
Description  Host-Controlled Analog Front
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76925PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76925PWR Datasheet HTML 2Page - Texas Instruments BQ76925PWR Datasheet HTML 3Page - Texas Instruments BQ76925PWR Datasheet HTML 4Page - Texas Instruments BQ76925PWR Datasheet HTML 5Page - Texas Instruments BQ76925PWR Datasheet HTML 6Page - Texas Instruments BQ76925PWR Datasheet HTML 7Page - Texas Instruments BQ76925PWR Datasheet HTML 8Page - Texas Instruments BQ76925PWR Datasheet HTML 9Page - Texas Instruments BQ76925PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
bq76925
SLUSAM9C – JULY 2011 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics: Supply Current
BAT = 4.2 to 26.4 V, VCn = 1.4 to 4.4, TA = –25°C to 85°C
Typical values stated where TA = 25°C and BAT= 21.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
All device functions enabled
IDD1
Normal mode supply current
All pins unloaded
40
48
µA
SDA and SCL high
V3P3 and overcurrent monitor enabled
All pins unloaded
IDD2
Standby mode 1 supply current
14
17
µA
All other device functions disabled
SDA and SCL high
V3P3 enabled
All pins unloaded
IDD3
Standby mode 2 supply current
12
14
V
All device functions disabled
SDA and SCL high
V3P3 disabled
All pins unloaded
IDD4
Sleep mode supply current
1.0
1.5
µA
All device functions disabled
SDA and SCL low
All cell voltages equal
n = 6
2.4
2.7
Cell balancing disabled
IVCn
Input current for selected cell
µA
Open cell detection disabled
n = 1 – 5
< 0.5
during cell voltage monitoring
All cell voltages equal
∆IVCn
Cell to cell input current difference
Cell balancing disabled
< 0.2
µA
Open cell detection disabled
7.6 Internal Power Control (Startup and Shutdown)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Initial BAT < 1.4 VBAT rising(1)
4.3
4.5
4.7
V
Measured at BAT
VPOR
Power on reset voltage
pin
Initial BAT > 1.4 VBAT rising(1)
6.5
7.0
7.5
V
VSHUT
Shutdown voltage(2)
Measured at BAT pin, BAT falling
3.6
V
Time delay after POR before
tPOR
CV3P3 = 4.7 µF
1
ms
I2C comms allowed
VWAKE
Wakeup voltage
Measured at ALERT pin
0.8
2
V
tWAKE_PLS
Wakeup signal pulse width
1
5
μs
Time delay after wakeup before
tWAKE_DLY
CV3P3 = 4.7 µF
1
ms
I2C comms allowed
(1)
Initial power up will start with BAT < 1.4 V, however if BAT falls below VSHUT after rising above VPOR, the power on threshold depends
on the minimum level reached by BAT after falling below VSHUT.
(2)
Following POR, the device will operate down to this voltage.
7.7 3.3-V Voltage Regulator
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCTL
Regulator control voltage (1)(2)
Measured at VCTL, V3P3 regulating
3.3
26.4
V
VV3P3
Regulator output
Measured at V3P3, IREG = 0 to 4 mA,
3.2
3.3
3.4
V
BAT = 4.2 to 26.4 V
IREG
V3P3 output current
4.0
mA
ISC
V3P3 short circuit current limit
V3P3 = 0.0 V
10.0
17.0
mA
VTB
Thermistor bias voltage
Measured at VTB, ITB = 0
VV3P3
V
ITB
Thermistor bias current
1.0
mA
RTB
Thermistor bias internal resistance RDS,ON for internal FET switch, ITB = 1.0 mA
90
130
Ω
(1)
When a bypass FET is used to supply the regulated 3.3 V load current, VCTL automatically adjusts to keep V3P3 = 3.3 V. Note that
VCTL,MIN and the FET VGS will determine the minimum BAT voltage at which the bypass FET will operate.
(2)
If VCTL is tied to BAT, the load current is supplied through V3P3.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: bq76925


Similar Part No. - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925PWR TI-BQ76925PWR Datasheet
1Mb / 35P
[Old version datasheet]   Host Controlled Analog Front End for 3-Series to 6-Series Cell Li-Ion/Li-Polymer Battery
More results

Similar Description - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ76925RGER TI-BQ76925RGER Datasheet
1Mb / 35P
[Old version datasheet]   Host Controlled Analog Front End for 3-Series to 6-Series Cell Li-Ion/Li-Polymer Battery
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Renesas Technology Corp
SLG55584 RENESAS-SLG55584 Datasheet
257Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55583 RENESAS-SLG55583 Datasheet
258Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55590 RENESAS-SLG55590 Datasheet
330Kb / 10P
   USB Host Charger Identification Analog Switches
February 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com