Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3492HC-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3492HC-Q1
Description  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HC-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3492HC-Q1 Datasheet HTML 3Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 4Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 5Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 6Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 7Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 8Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 9Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 10Page - Texas Instruments LM3492HC-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMM PIN
COMM goes LOW during VIOUT
VIOUT-OV
IOUT pin overvoltage threshold
5.6
6.7
7.8
V
rising, other VIOUT = 1.2 V
VCOMM-LOW
COMM pin at LOW
5 mA into COMM
0.7
V
ILEAK-FAULT
COMM pin open leakage
VCOMM = 5 V
5
µA
THERMAL PROTECTION
TOTM
Overtemperature indication
TJ rising
135
°C
Over-temperature indication
TOTM-HYS
TJ falling
15
°C
hysteresis
TSD
Thermal shutdown temperature
TJ rising
165
°C
Thermal shutdown temperature
TSD-HYS
TJ falling
20
°C
hysteresis
7.6 Typical Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12 V with configuration in typical application circuit
for ILED = 250 mA shown in this data sheet.
Figure 1. Quiescent Current vs Input Voltage
Figure 2. VCC Voltage vs VCC Ouput Current
Figure 3. VCC Voltage vs Input Voltage
Figure 4. Switching Frequency vs Input Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3492HC-Q1 LM3492HC


Similar Part No. - LM3492HC-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCMH TI1-LM3492HCMH Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCMHX TI1-LM3492HCMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCQMH TI1-LM3492HCQMH Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCQMHX TI1-LM3492HCQMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

Similar Description - LM3492HC-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com