Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B7701-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B7701-Q1
Description  Single- and Dual-Channel Antenna LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B7701-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7B7701-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B7701-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS7B7701-Q1, TPS7B7702-Q1
SLVSCE8B – JANUARY 2015 – REVISED NOVEMBER 2015
www.ti.com
6.4 Thermal Information
TPS7B7701-Q1
TPS7B7702-Q1
THERMAL METRIC(1)
PWP (HTSSOP)
PWP (HTSSOP)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance(2)
45.9
40.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.2
27.7
°C/W
RθJB
Junction-to-board thermal resistance
24.7
22.3
°C/W
ψJT
Junction-to-top characterization parameter
1.3
0.8
°C/W
ψJB
Junction-to-board characterization parameter
24.5
22
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.7
2.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The thermal data is based on JEDEC standard high K profile – JESD 51-7. The copper pad is soldered to the thermal land pattern. Also
correct attachment procedure must be incorporated
6.5 Electrical Characteristics
VI = 14 V, TJ = –40ºC to +150ºC, unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND CURRENT (IN)
VI
Input voltage
4.5
40
V
TPS7B7701-Q1: VI = 4.5 to 40 V, V(EN) ≥ 2 V,
0.6
1
I(OUT) = 0.1 mA
IQ
Quiescent current
mA
TPS7B7702-Q1: VI = 4.5 to 40 V, V(EN1) and
0.6
1
V(EN2) ≥ 2 V, I(OUT1) and I(OUT2) = 0.1 mA
TPS7B7701-Q1: EN = GND
5
I(shutdown)
Shutdown current
µA
TPS7B7702-Q1: EN1 = EN2 = GND
5
TPS7B7701-Q1: V(EN) ≥ 2 V, I(OUT) ≤ 300 mA,
4.5
GND current
Inom
Operating current
mA
TPS7B7702-Q1: V(EN1) and V(EN2) ≥ 2 V, I(OUT1)
6
and I(OUT2) ≤ 300 mA, GND current
V(BG)
Bandgap
Reference voltage for FB
–2%
1.233
2%
V
V(UVLO)
Undervoltage lockout falling
Ramp IN down until the output turns off
4
V
Vhys
Hysteresis
0.4
V
INPUT CONTROL PINS (EN, EN1, EN2, SENSE_EN, AND SENSE_SEL)
For EN, EN1, EN2, SENSE_EN, and
VIL
Logic input low level
0
0.7
V
SENSE_SEL
For EN, EN1, EN2, SENSE_EN, and
VIH
Logic input high level
2
V
SENSE_SEL
II(SENSE_EN)
SENSE_EN input current
V(SENSE_EN) = 5 V, V(ENx) ≥ 2 V
10
µA
II(SENSE_SEL)
SENSE_SEL input current
V(SENSE_EN) = 5 V, V(ENx) ≥ 2 V
10
µA
II(EN)
Enable input current
V(ENx) ≤ 40 V
10
µA
REGULATED OUTPUT (OUT, OUT1, AND OUT2)
40 V
≥ VI ≥ VO + 1.5 V and VI ≥ 4.5 V, IO = 1 to
VO
Regulated output
–2%
2%
300 mA(1)
VI = VO + 1.5 V to 40 V and VI ≥ 6 V, IO = 10
ΔVO(ΔVI)
Line regulation
10
mV
mA, voltage variation on FB pin
IO = 1 mA to 200 mA, voltage variation on FB
ΔVO(ΔIO)
Load regulation
20
mV
pin
V(DROPOUT)
Dropout voltage
Measured between IN and OUTx, IO = 100 mA
500
mV
IO
Output current
VO in regulation
0
300
mA
PSRR
Power supply ripple rejection(2)
IO = 100 mA, CO = 2.2 µF, ƒ = 100 Hz
73
dB
CURRENT SENSE AND CURRENT-LIMIT
IO/ISENSE
OUTx to SENSEx current ratio (IO / ISENSEx)
VI = 4.5 V to 40 V, 5 mA ≤ IO ≤ 300 mA
198
(1)
External feedback resistor is not considered.
(2)
Design information — not tested, ensured by characterization.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS7B7701-Q1 TPS7B7702-Q1


Similar Part No. - TPS7B7701-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7B7701-Q1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Maxim Integrated Produc...
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6415 RENESAS-ISL6415 Datasheet
680Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
Dec 27, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com