Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG71050DDCTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REG71050DDCTG4
Description  Buck-Boost Charge Pump
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG71050DDCTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REG71050DDCTG4 Datasheet HTML 6Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 7Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 8Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 9Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 10Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 11Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 12Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 13Page - Texas Instruments REG71050DDCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V
IN
Enable
V
OUT
GND
REG710
C
IN
2.2mF
C
OUT
2.2mF
C
PUMP
0.22mF
4
6
3
5
1
2
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The REG710 is a switched capacitor voltage converter that produces a regulated, low-ripple output voltage from
an unregulated input voltage range from 1.8 V to 5.5 V. The high switching frequency allows the use of small
surface-mount capacitors. The following section gives guidance to choose external components to complete the
power supply design. Application curves are included for the typical application shown below.
9.2 Typical Applications
Figure 7. Typical Operating Circuit
9.2.1 Design Requirements
The REG710 family of switched capacitor voltage converters offers a variety of regulated fixed output voltages.
This family supports unregulated input voltages which can have values that are lower or higher than the
regulated output voltage. Only input and output capacitors as well as a pump capacitor are required to have a
fully functional converter. The following design procedure is adequate for the whole VIN, VOUT and load current
range of REG710.
9.2.2 Detailed Design Procedure
9.2.2.1 Capacitor Selection
For minimum output voltage ripple, the output capacitor COUT should be a ceramic, surface-mount type. Tantalum
capacitors generally have a higher effective series resistance (ESR) and may contribute to higher output voltage
ripple. Leaded capacitors also increase ripple due to the higher inductance of the package itself. To achieve best
operation with low input voltage and high load current, the input and pump capacitors (CIN and CPUMP,
respectively) should also be surface-mount ceramic types. In all cases, X7R or X5R dielectric are recommended.
See the typical operating circuit shown in Figure 7 for component values.
With light loads or higher input voltage, a smaller 0.1-
μF pump capacitor (CPUMP) and smaller 1-μF input and
output capacitors (CIN and COUT, respectively) can be used. To minimize output voltage ripple, increase the
output capacitor, COUT, to 10 μF or larger.
The capacitors listed in Table 2 can be used with the REG710. This table is only a representative list of
compatible parts.
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710


Similar Part No. - REG71050DDCTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG71050DDCTG4 BURR-BROWN-REG71050DDCTG4 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG71050DDCTG4 TI1-REG71050DDCTG4 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
More results

Similar Description - REG71050DDCTG4

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com