Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59581RTQT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581RTQT
Description  48-Channel, 16-Bit ES-PWM LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581RTQT Datasheet(HTML) 3 Page - Texas Instruments

  TLC59581RTQT Datasheet HTML 1Page - Texas Instruments TLC59581RTQT Datasheet HTML 2Page - Texas Instruments TLC59581RTQT Datasheet HTML 3Page - Texas Instruments TLC59581RTQT Datasheet HTML 4Page - Texas Instruments TLC59581RTQT Datasheet HTML 5Page - Texas Instruments TLC59581RTQT Datasheet HTML 6Page - Texas Instruments TLC59581RTQT Datasheet HTML 7Page - Texas Instruments TLC59581RTQT Datasheet HTML 8Page - Texas Instruments TLC59581RTQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
( )
IOUTXn
%
1
100
(IOUTX0
IOUTX1
IOUTX14
IOUTX15)
16
é
ù
ê
ú
D
=
-
´
ê
ú
+
+ ¼ +
+
ê
ú
ê
ú
ë
û
Thermal
PAD
(Solder side)
(GND terminal)
15 16
17 18 19
20 21 22
52 51 50 49
42
41
40
39
38
37
56
55 54 53
1
2
3
4
5
6
7
8
SOUT
OUTB9
OUTG9
OUTR9
OUTB8
OUTG8
OUTR8
OUTB7
OUTG7
OUTR7
OUTB6
OUTG6
OUTR6
GCLK
IREF
OUTR14
OUTG14
OUTB14
OUTR15
OUTG15
OUTB15
OUTR0
OUTG0
OUTB0
OUTR1
OUTG1
OUTB1
OUTR2
36
35
34
33
32
31
30
29
9
10
11
12
13
14
23 24 25 26
27 28
48 47
46 45 44 43
TLC59581, TLC59582
www.ti.com
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
5 Description (continued)
The TLC59581/82 device has one error flag: the LED open detection (LOD), which can be read through a serial
interface port. To resolve this caterpillar issue caused by an open LED, the TLC59581/82 device has an
enhanced circuit for caterpillar canceling, thermal shut down (TSD) and IREF resistor short protection (ISP), which
ensures a higher system reliability. The TLC59581/82 device also has a power-save mode that sets the total
current consumption to 0.8 mA (typical) when all outputs are off. The TLC59581/82 device is a good solution to
improve display performance of a multiplexing panel for low-grayscale patterns.
6 Pin Configuration and Functions
RTQ Package with Thermal Pad
56-Pin VQFN
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Grayscale(GS) pulse width modulation (PWM) reference clock control for OUTXn.
GCLK
29
I
Each GCLK rising edge increase the GS counter by 1 for PWM control.
GND
ThermalPad
Power ground. The thermal pad must be soldered to GND on PCB.
Maximum constant-current value setting. The OUTR0 to OUTB15 maximum constant output
current are set to the desired values by connecting an external resistor between IREF and
IREF
1
IREFGND. See (1) for more detail. The external resistor should be placed close to the
device.
Analog ground. Dedicated ground pin for the external IREF resistor. This pin should be
IREFGND
56
connected to analog ground trace which is connected to power ground near the common
GND point of board.
(1)
The deviation of each output in same color group (OUTR0~15 or OUTG0~15 or OUTB0~15) from the average of same color group
constant current. The deviation is calculated by the formula. (X = R or G or B, n = 0~15)
spacer
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
TLC59582


Similar Part No. - TLC59581RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQR TI1-TLC5958RTQR Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQT TI1-TLC5958RTQT Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
More results

Similar Description - TLC59581RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com