Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7694001DBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7694001DBT
Description  15-Series Cell Battery Monitor Family
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7694001DBT Datasheet(HTML) 4 Page - Texas Instruments

  BQ7694001DBT Datasheet HTML 1Page - Texas Instruments BQ7694001DBT Datasheet HTML 2Page - Texas Instruments BQ7694001DBT Datasheet HTML 3Page - Texas Instruments BQ7694001DBT Datasheet HTML 4Page - Texas Instruments BQ7694001DBT Datasheet HTML 5Page - Texas Instruments BQ7694001DBT Datasheet HTML 6Page - Texas Instruments BQ7694001DBT Datasheet HTML 7Page - Texas Instruments BQ7694001DBT Datasheet HTML 8Page - Texas Instruments BQ7694001DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
3
Description (Continued)
The bq76920 device supports up to 5-series cells or typical 18-V packs, the bq76930 handles up to 10-
series cells or typical 36-V packs, and the bq76940 works for up to 15-series cells or typical 48-V packs. A
variety of battery chemistries may be managed with these AFEs, including Lithium Ion, Lithium iron
phosphate, and more.
Via I2C, a host controller can use the bq769x0 to implement many battery pack management functions,
such
as
monitoring
(cell
voltages,
pack
current,
pack
temperatures),
protection
(controlling
charge/discharge FETs), and balancing. Integrated A/D converters enable a purely digital readout of
critical system parameters, with calibration handled in TI’s manufacturing process.
4
Device Comparison Table
TUBE
TAPE & REEL
CELLS
LDO (V)
CRC
PACKAGE
I2C ADDRESS (7-Bit)
bq7692000PW
bq7692000PWR
No
2.5
bq7692001PW(1)
bq7692001PWR(1)
Yes
0x08
bq7692002PW(1)
bq7692002PWR(1)
3–5
No
20-TSSOP (PW)
bq7692003PW
bq7692003PWR
3.3
Yes
bq7692006PW
bq7692006PWR
0x18
No
bq7693000DBT
bq7693000DBTR
No
2.5
bq7693001DBT
bq7693001DBTR
Yes
0x08
bq7693002DBT
bq7693002DBTR
No
6–10
30-TSSOP (DBT)
bq7693003DBT
bq7693003DBTR
Yes
3.3
bq7693006DBT
bq7693006DBTR
No
0x18
bq7693007DBT
bq7693007DBTR
Yes
bq7694000DBT
bq7694000DBTR
No
2.5
bq7694001DBT
bq7694001DBTR
Yes
0x08
bq7694002DBT
bq7694002DBTR
9–15
No
44-TSSOP (DBT)
bq7694003DBT
bq7694003DBTR
3.3
Yes
bq7694006DBT
bq7694006DBTR
0x18
No
(1)
Product Preview only
Texas Instruments pre-configures the bq769x0 devices for a specific I2C address, LDO voltage, and more.
These settings are permanently stored in EEPROM and cannot be further modified.
Contact Texas Instruments for other options not listed above, as well as any options noted as “Product
Preview only.”
4
Device Comparison Table
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940


Similar Part No. - BQ7694001DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76942 TI1-BQ76942 Datasheet
5Mb / 205P
[Old version datasheet]   BQ76942 High Accuracy 3-s to 10-s High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ76942 TI-BQ76942 Datasheet
3Mb / 82P
[Old version datasheet]   BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ76942 TI-BQ76942 Datasheet
3Mb / 83P
[Old version datasheet]   BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ7694201PFBR TI-BQ7694201PFBR Datasheet
3Mb / 83P
[Old version datasheet]   BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ7694202PFBR TI-BQ7694202PFBR Datasheet
3Mb / 83P
[Old version datasheet]   BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
More results

Similar Description - BQ7694001DBT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com