Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2052CDGNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2052CDGNR
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2052CDGNR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2052CDGNR Datasheet HTML 1Page - Texas Instruments TPS2052CDGNR Datasheet HTML 2Page - Texas Instruments TPS2052CDGNR Datasheet HTML 3Page - Texas Instruments TPS2052CDGNR Datasheet HTML 4Page - Texas Instruments TPS2052CDGNR Datasheet HTML 5Page - Texas Instruments TPS2052CDGNR Datasheet HTML 6Page - Texas Instruments TPS2052CDGNR Datasheet HTML 7Page - Texas Instruments TPS2052CDGNR Datasheet HTML 8Page - Texas Instruments TPS2052CDGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
1
2
3
4
5
6
7
8
GND
IN
EN1 or EN1
EN2 or EN2
OUT1
OUT2
FLT1
FLT2
PAD
1
2
3
4
5
6
7
8
GND
IN
EN1 or EN1
EN2 or EN2
OUT1
OUT2
FLT1
FLT2
1
2
3
4
6
7
8
PAD
9
10
5
FLT1
FLT2
EN1 or EN1
EN2 or EN2
IN
IN
GND
OUT1
OUT 2
NC
1
2
3
4
5
6
7
8
PAD
GND
IN
EN1 or EN1
EN2 or EN2
OUT1
OUT2
FLT1
FLT2
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
www.ti.com
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
6 Pin Configuration and Functions
DGN Package
DRC Package
8-Pin MSOP
10-Pin VSON
Top View
Top View
D Package
8-Pin SOIC
DRB Package
Top View
8-Pin SON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
MSOP
SOIC
VSON
SON
GND
1
1
1
1
GND
Ground connection
Input voltage and power-switch drain; connect a 0.1 µF or greater
IN
2
2
2, 3
2
I
ceramic capacitor from IN to GND close to the IC
3(2)
3(3)
4(4)
EN1
I
Enable input channel 1, logic high turns on power switch
(5)
(6)
(7)
(2)
(3)
(4)
EN1
3
I
Enable input channel 1, logic low turns on power switch
3(5)
3(6)
4(7)
4(2)
4(3)
5(4)
EN2
I
Enable input channel 2, logic high turns on power switch
(5)
(6)
(7)
(2)
(3)
(4)
EN2
4
I
Enable input channel 2, logic low turns on power switch
4(5)
4(6)
5(7)
Active-low open-drain output, asserted during overcurrent, or
FLT2
5
5
6
5
O
overtemperature conditions on channel 2
NC
7
O
No connect – leave floating
OUT2
6
6
8
6
O
Power-switch output channel 2, connected to load
OUT1
7
7
9
7
O
Power-switch output channel 1, connected to load
Active-low open-drain output, asserted during over-current, or
FLT1
8
8
10
8
O
overtemperature conditions on channel 1
Internally connected to GND; used to heat-sink the part to the
PowerPAD™
PAD
PAD
GND
circuit board traces. Connect PAD to GND plane as a heatsink.
(1)
I = Input, O = Output, GND = Ground
(2)
Applies to TPS2052C, TPS2066C, TPS2066C-2, TPS2064C, and TPS2064C-2
(3)
Applies to TPS2066C
(4)
Applies to TPS2003C
(5)
Applies to TPS2062C and TPS2060C
(6)
Applies to TPS2062C
(7)
Applies to TPS2002C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2052CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052 TI-TPS2052 Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2052 TI-TPS2052 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2052 TI-TPS2052 Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2052A TI1-TPS2052A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2052AD TI-TPS2052AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2052CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com