Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317ARGBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317ARGBT
Description  Integrated-FET Converter for DDR Memory Termination
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317ARGBT Datasheet(HTML) 4 Page - Texas Instruments

  TPS53317ARGBT Datasheet HTML 1Page - Texas Instruments TPS53317ARGBT Datasheet HTML 2Page - Texas Instruments TPS53317ARGBT Datasheet HTML 3Page - Texas Instruments TPS53317ARGBT Datasheet HTML 4Page - Texas Instruments TPS53317ARGBT Datasheet HTML 5Page - Texas Instruments TPS53317ARGBT Datasheet HTML 6Page - Texas Instruments TPS53317ARGBT Datasheet HTML 7Page - Texas Instruments TPS53317ARGBT Datasheet HTML 8Page - Texas Instruments TPS53317ARGBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS53317A
SLUSC63A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
BST (with respect to SW), V5IN, VIN
–0.3
7
BST
–0.3
14
Input voltage range
EN
–0.3
7
V
MODE, REFIN
–0.3
3.6
VOUT
–1
3.6
SW
–2
7
SW (transient 20 ns and E = 5 µJ)
–3
Output voltage range
COMP, VREF
–0.3
3.6
V
PGOOD
–0.3
7
PGND
–0.3
0.3
Operating junction temperature, TJ
–40
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
Storage temperature, Tstg
–55
150
˚C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
BST (with respect to SW), EN, VIN
–0.1
6.5
V5IN
4.5
6.5
Input voltage range
BST
–0.1
13.5
V
SW
–1.0
6.5
VOUT, MODE, REFIN
–0.1
3.5
COMP
–0.1
3.5
VREF
2
Output voltage range
V
PGOOD
–0.1
6.5
PGND
–0.1
0.1
Operating temperature range, TA
-40
85
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS53317A


Similar Part No. - TPS53317ARGBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317ARGBT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_17 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Altera Corporation
EV1320QI ALTERA-EV1320QI Datasheet
1Mb / 20P
   2A PowerSoC Source/Sink DDR Memory Termination Converter
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
   Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
   Integrated Linear DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com