Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2066CDGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2066CDGNR
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2066CDGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2066CDGNR Datasheet HTML 2Page - Texas Instruments TPS2066CDGNR Datasheet HTML 3Page - Texas Instruments TPS2066CDGNR Datasheet HTML 4Page - Texas Instruments TPS2066CDGNR Datasheet HTML 5Page - Texas Instruments TPS2066CDGNR Datasheet HTML 6Page - Texas Instruments TPS2066CDGNR Datasheet HTML 7Page - Texas Instruments TPS2066CDGNR Datasheet HTML 8Page - Texas Instruments TPS2066CDGNR Datasheet HTML 9Page - Texas Instruments TPS2066CDGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Voltage range on IN, OUTx, ENx or ENx, FLTx(4)
–0.3
6
V
Voltage range from IN to OUT
–6
6
V
Maximum junction temperature, TJ
Internally limited
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Absolute maximum ratings apply over recommended junction temperature range.
(3)
All voltages are with respect to GND unless otherwise noted.
(4)
See Input and Output Capacitance.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V(ESD) Electrostatic discharge
IEC 61000-4-2, contact discharge(3)
±8000
V
IEC 61000-4-2, air-gap discharge(3)
±15000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
VOUT was surged on a PCB with input and output bypassing per Figure 22 (except input capacitor was 22 µF) with no device failure.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEnable
Input voltage, ENx or ENx
0
5.5
TPS2052C
0.5
TPS2062C, TPS2062C-2, TPS2066C,
1
and TPS2066C-2
IOUTx
Continuous output current, OUTx
A
TPS2060C, TPS2064C, and TPS2064C-2
1.5
TPS2002C and TPS2003C
2
TJ
Operating junction temperature
–40
125
°C
IFLTx
Sink current into FLTx
0
5
mA
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2066CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2066CDGNR TI1-TPS2066CDGNR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2066CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com