Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC404 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC404
Description  GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC404 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC404 Datasheet HTML 1Page - Hittite Microwave Corporation HMC404 Datasheet HTML 2Page - Hittite Microwave Corporation HMC404 Datasheet HTML 3Page - Hittite Microwave Corporation HMC404 Datasheet HTML 4Page - Hittite Microwave Corporation HMC404 Datasheet HTML 5Page - Hittite Microwave Corporation HMC404 Datasheet HTML 6Page - Hittite Microwave Corporation HMC404 Datasheet HTML 7Page - Hittite Microwave Corporation HMC404 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
5 - 121
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
HMC404
GaAs MMIC SUB-HARMONICALLY
PUMPED IRM MIXER, 26 - 33 GHz
v02.1001
MxN Spurious @ IF Port, Vdd = +4V
MxN Spurious @ RF Port, Vdd = +4V
nLO
mRF
±5
±4
±3
±2
±1
0
-3
-2
65
-1
28
71
022
-3
1
X
55
18
276
56
3
RF = 30.5 GHz @ -10 dBm
LO = 15 GHz @ +2 dBm
All values in dBc below IF power level.
Measured as downconverter
nLO
mIF
±5
±4
±3
±2
±1
0
-3
66
-2
64
64
-1
X
53
017
6
122
57
36
276
65
355
IF = 0.5 GHz @ -10 dBm
LO = 15 GHz @ +2 dBm
All values in dBc below RF power level.
Measured as upconverter.


Similar Part No. - HMC404

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC404 HITTITE-HMC404 Datasheet
254Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Micross Components
HMC404 MICROSS-HMC404 Datasheet
893Kb / 11P
   Satellite Communication Systems
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC404 HITTITE-HMC404_08 Datasheet
254Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
More results

Similar Description - HMC404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC404 HITTITE-HMC404_08 Datasheet
254Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC338 HITTITE-HMC338 Datasheet
295Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com